Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8646FV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD8646FV-E2
Description  Flexible Step-down Switching Regulator with Built-in Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8646FV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD8646FV-E2 Datasheet HTML 6Page - Rohm BD8646FV-E2 Datasheet HTML 7Page - Rohm BD8646FV-E2 Datasheet HTML 8Page - Rohm BD8646FV-E2 Datasheet HTML 9Page - Rohm BD8646FV-E2 Datasheet HTML 10Page - Rohm BD8646FV-E2 Datasheet HTML 11Page - Rohm BD8646FV-E2 Datasheet HTML 12Page - Rohm BD8646FV-E2 Datasheet HTML 13Page - Rohm BD8646FV-E2 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Technical Note
11/13
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD8646FV
I/O equivalence circuit
4, 5 ,6PIN(SW)
7PIN(BOOT)
9PIN(SS/DELAY)
11PIN(FB)
12PIN(FC)
13PIN(RT)
14PIN(PSET)
15PIN(EN)
VIN
GND
EN
GND
GND
330kΩ
600kΩ
PSET
GND
GND
VIN
GND
50kΩ
100kΩ
2kΩ
VIN
FB
50kΩ
VIN
VIN
SGND SGND
SGND
PGND
FC
5kΩ
400Ω
10kΩ
10kΩ
RT
GND
VIN
GND
2kΩ
10kΩ
1kΩ
SS/ DELAY
50kΩ
50kΩ
2kΩ
VREG5
BOOT
SW
SW
VIN
GND


Similar Part No. - BD8646FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
More results

Similar Description - BD8646FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD8649EFV ROHM-BD8649EFV Datasheet
373Kb / 14P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9673EFJ ROHM-BD9673EFJ Datasheet
616Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com