Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8646FV-E2 Datasheet(PDF) 9 Page - Rohm

Part # BD8646FV-E2
Description  Flexible Step-down Switching Regulator with Built-in Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8646FV-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BD8646FV-E2 Datasheet HTML 5Page - Rohm BD8646FV-E2 Datasheet HTML 6Page - Rohm BD8646FV-E2 Datasheet HTML 7Page - Rohm BD8646FV-E2 Datasheet HTML 8Page - Rohm BD8646FV-E2 Datasheet HTML 9Page - Rohm BD8646FV-E2 Datasheet HTML 10Page - Rohm BD8646FV-E2 Datasheet HTML 11Page - Rohm BD8646FV-E2 Datasheet HTML 12Page - Rohm BD8646FV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Technical Note
9/13
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD8646FV
IL
IL
3 Selection of inductor (L)
Please select the value of the inductor according to the following expressions.
f
V
I
V
)
V
(V
L
IN
L
OUT
OUT
IN
[H]
(⊿ IL: Output ripple current , f: Switching frequency)
Please have and select an enough margin so that the
current peak should not exceed the ratings current value
of the inductor.
Fig.18 Current of output ripple
4 Selection of input capacitor (Cin)
Please use a low ESR input capacitor which can be used with high voltage and ripple current to prevent a big transition
voltage.
Please put on the input capacitor near side by VIN-PGND.
5 Selection of diode
Please have and set the margin enough to the current rating of the diode for the maximum load current.
Moreover, please similarly have and set the margin enough to a ratings reverse-voltage for the maximum input voltage.
C1
R1
FB
FC
Fig.19 Phase amends part external circuit chart
6 OFFLATCH time setting method
If it continues abnormal state, BD8646FV output become low voltage and state is fixed.
In this case, the OFFLATCH time can be set by connecting capacitor between PSET and GND. Please select the value of
OFFLATCH time according to the following expression. Please set OFFLATCH time in 200usec~5msec.
TTM =
CPSET
[sec]・・・(11)
IPSET(5µA typ)
To release the off latch state, EN or VIN terminal voltage should be changed to low level once time.


Similar Part No. - BD8646FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
More results

Similar Description - BD8646FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD8649EFV ROHM-BD8649EFV Datasheet
373Kb / 14P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9673EFJ ROHM-BD9673EFJ Datasheet
616Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com