Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE24-4A73-M Datasheet(PDF) 1 Page - Meder Electronic

Part # BE24-4A73-M
Description  BE Reed Relay
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

BE24-4A73-M Datasheet(HTML) 1 Page - Meder Electronic

  BE24-4A73-M Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8824473200
Item No.:
Item:
Europe:
USA:
Asia:
BE24-4A73-M
+49 / 7731 8399 0
+1 / 508 295 0771
+852 / 2955 1682
| Email: info@meder.com
| Email: salesusa@meder.co
| Email: salesasia@meder.co
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Coil voltage
Rated power
Pull-In voltage
Drop-Out voltage
Special Product Data
Conditions
Min
Typ
Max
Unit
A
Contact-form
not to exceed their individual max.'s
Contact rating
DC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Operating Ampere
!"#$!%&'(!$%$(!
Start Value
Contact resistance static
)
RH <45 %, 100 V test voltage
Insulation resistance
Breakdown voltage
"
measured with 40% overdrive
Operate time incl. bounce
"
measured with no coil excitation
Release time
*+
@ 10 kHz
Capacity
Fe - magnetic screen
Housing material
Polyurethan
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
)
RH <45%, 200 VDC test voltage
Insulation resistance Coil/Contact
,
according to IEC 255-5
Isolation voltage Coil/Contact
-
1/2 sine wave duration 11ms
Shock
-
from 10 - 2000 Hz
Vibration
.
/
Operating temperature
.
/
Storage temperature
.
max. 5 sec
Soldering temperature
fully sealed
Washability
Modifications in the sense of technical progress are reserved
29.01.08
MPOTUZAK
01
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
DSTASTNY
Approval by:
Approval by:
29.01.08
Approval at:
Approval at:


Similar Part No. - BE24-4A73-M

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BE24-4A73-M_DE MEDER-BE24-4A73-M_DE Datasheet
90Kb / 1P
   (deutsch) BE Reed Relay
More results

Similar Description - BE24-4A73-M

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BE05-2E85-M MEDER-BE05-2E85-M Datasheet
139Kb / 2P
   BE Reed Relay
BE24-3A79-PHI MEDER-BE24-3A79-PHI Datasheet
73Kb / 1P
   BE Reed Relay
BE05-1A85-P MEDER-BE05-1A85-P Datasheet
91Kb / 2P
   BE Reed Relay
BE12-4A85-M MEDER-BE12-4A85-M Datasheet
188Kb / 2P
   BE Reed Relay
BE48-1A85-P MEDER-BE48-1A85-P Datasheet
64Kb / 1P
   BE Reed Relay
BE05-1A71-V MEDER-BE05-1A71-V Datasheet
145Kb / 1P
   BE Reed Relay
BE05-2A85-M MEDER-BE05-2A85-M Datasheet
79Kb / 1P
   BE Reed Relay
BE24-1A85-M MEDER-BE24-1A85-M Datasheet
63Kb / 1P
   BE Reed Relay
BE24-2A79-PHI MEDER-BE24-2A79-PHI Datasheet
128Kb / 2P
   BE Reed Relay
BE12-1A85-M MEDER-BE12-1A85-M Datasheet
80Kb / 1P
   BE Reed Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com