Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8960NV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD8960NV-E2
Description  Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8960NV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD8960NV-E2 Datasheet HTML 6Page - Rohm BD8960NV-E2 Datasheet HTML 7Page - Rohm BD8960NV-E2 Datasheet HTML 8Page - Rohm BD8960NV-E2 Datasheet HTML 9Page - Rohm BD8960NV-E2 Datasheet HTML 10Page - Rohm BD8960NV-E2 Datasheet HTML 11Page - Rohm BD8960NV-E2 Datasheet HTML 12Page - Rohm BD8960NV-E2 Datasheet HTML 13Page - Rohm BD8960NV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Technical Note
BD8960NV
10/14
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
4. Determination of RITH, CITH that works as a phase compensator
As the Current Mode Control is designed to limit a inductor current, a pole (phase lag) appears in the low frequency area
due to a CR filter consisting of a output capacitor and a load resistance, while a zero (phase lead) appears in the high
frequency area due to the output capacitor and its ESR. So, the phases are easily compensated by adding a zero to the
power amplifier output with C and R as described below to cancel a pole at the power amplifier.
Stable feedback loop may be achieved by canceling the pole fp (Min.) produced by the output capacitor and the load
resistance with CR zero correction by the error amplifier.
Fig.28 Open loop gain characteristics
Fig.29 Error amp phase compensation characteristics
fp=
2π×RO×CO
1
fz(ESR)=
2π×ESR×CO
1
Pole at power amplifier
When the output current decreases, the load resistance Ro
increases and the pole frequency lowers.
fp(Min.)=
2π×ROMax.×CO
1
[Hz]←with lighter load
fp(Max.)=
2π×ROMin.×CO
1
[Hz] ←with heavier load
Zero at power amplifier
fz(Amp.)=
2π×RITH×CITH
1
GND,PGND
SW
VCC,PVCC
EN
VOUT
ITH
VCC
VOUT
Cin
RITH
CITH
L
ESR
CO
RO
VOUT
Fig.30 Typical application
fz(Amp.)= fp(Min.)
2π×RITH×CITH
1
=
2π×ROMax.×CO
1
Increasing capacitance of the output capacitor lowers the pole
frequency while the zero frequency does not change. (This
is because when the capacitance is doubled, the capacitor
ESR reduces to half.)
Gain
[dB]
Phase
[deg]
A
0
0
-90
A
0
0
-90
fz(Amp.)
fp(Min.)
fp(Max.)
fz(ESR)
IOUTMin.
IOUTMax.
Gain
[dB]
Phase
[deg]


Similar Part No. - BD8960NV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD8960NV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8964FVM ROHM-BD8964FVM Datasheet
557Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM_10 Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV_10 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8967FVM ROHM-BD8967FVM Datasheet
400Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
493Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8963EFJ ROHM-BD8963EFJ Datasheet
489Kb / 18P
   Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com