Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5400 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N5400
Description  3 Amp Rectifier 50 - 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5400 Datasheet(HTML) 1 Page - Micro Commercial Components

  1N5400 Datasheet HTML 1Page - Micro Commercial Components 1N5400 Datasheet HTML 2Page - Micro Commercial Components 1N5400 Datasheet HTML 3Page - Micro Commercial Components 1N5400 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N5400
THRU
1N5408
3 Amp Rectifier
50 - 1000 Volts
DO-201AD
Features
Low Current Leakage and Low Forward Voltage
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.287
.374
7.30
9.50
B
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N5400
50V
35V
50V
1N5401
100V
70V
100V
1N5402
200V
140V
200V
1N5404
400V
280V
400V
1N5406
600V
420V
600V
1N5407
800V
560V
800V
1N5408
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
Ta = 105
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Forward Voltage
VF
1.0V
IF= 3.0A;
Ta = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
Ta= 25
°C
Ta= 150
°C
Typical Junction
Capacitance
CJ
40pF
Measured at
1.0MHz, VR=4.0V
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
1N5405
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
.189
.208
4.80
5.30
1 of 4
500V
350V
500V
1N5408
1N5407
1N5406
1N5405
1N5404
1N5402
1N5401
1N5400
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1


Similar Part No. - 1N5400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
SAMYANG ELECTRONICS CO....
1N5400 SAMYANG-1N5400 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
More results

Similar Description - 1N5400

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5400 MCC-1N5400 Datasheet
78Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
1N5400 MCC-1N5400_13 Datasheet
525Kb / 4P
   3 Amp Rectifier 50 - 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5400 YFWDIODE-1N5400 Datasheet
94Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
1N5400-DO27 YFWDIODE-1N5400-DO27 Datasheet
432Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
logo
Bruckewell Technology L...
KBP306 BWTECH-KBP306 Datasheet
132Kb / 2P
   3 Amp Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S3M-TP MCC-S3M-TP Datasheet
530Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
S3A MCC-S3A Datasheet
97Kb / 3P
   3 Amp Silicon Rectifier 50 to 1000 Volts
S3B-TP MCC-S3B-TP Datasheet
530Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
1N5400GP MCC-1N5400GP_11 Datasheet
445Kb / 4P
   3 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N5400GP MCC-1N5400GP_13 Datasheet
464Kb / 4P
   3 Amp Glass Passivated Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com