Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8961NV Datasheet(PDF) 11 Page - Rohm

Part # BD8961NV
Description  Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8961NV Datasheet(HTML) 11 Page - Rohm

Back Button BD8961NV_10 Datasheet HTML 6Page - Rohm BD8961NV_10 Datasheet HTML 7Page - Rohm BD8961NV_10 Datasheet HTML 8Page - Rohm BD8961NV_10 Datasheet HTML 9Page - Rohm BD8961NV_10 Datasheet HTML 10Page - Rohm BD8961NV_10 Datasheet HTML 11Page - Rohm BD8961NV_10 Datasheet HTML 12Page - Rohm BD8961NV_10 Datasheet HTML 13Page - Rohm BD8961NV_10 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Technical Note
BD8961NV
11/13
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
BD8961NV Cautions on PC Board layout
Fig.32 Layout diagram
For the sections drawn with heavy line, use thick conductor pattern as short as possible.
Lay out the input ceramic capacitor CIN closer to the pins PVCC and PGND, and the output capacitor Co closer to
the pin PGND.
Lay out CITH and RITH between the pins ITH and GND as near as possible with least necessary wiring.
SON008V5060 (BD8961NV) has thermal FIN on the reverse of the package.
The package thermal performance may be enhanced by bonding the FIN to GND plane which take a large area of PCB.
Recommended components Lists on above application
Symbol
Part
Value
Manufacturer
Series
L
Coil
2.2uH
TDK
LTF5022-2R2N3R2
CIN
Ceramic capacitor
22uF
Kyocera
CM32X5R226M10A
CO
Ceramic capacitor
22uF
Kyocera
CM316B226M06A
CITH
Ceramic capacitor
680pF
murata
GRM18 Serise
RITH
Resistance
12kΩ
Rohm
MCR03Serise
*The parts list presented above is an example of recommended parts. Although the parts are sound, actual circuit characteristics should be checked on your
application carefully before use. Be sure to allow sufficient margins to accommodate variations between external devices and this IC when employing the
depicted circuit with other circuit constants modified. Both static and transient characteristics should be considered in establishing these margins. When
switching noise is substantial and may impact the system, a low pass filter should be inserted between the VCC and PVCC pins, and a schottky barrier diode
established between the SW and PGND pins.
I/O equivalence circuit
Fig.33 I/O equivalence circuit
VOUT
VCC
ITH
GND
EN
PVCC
SW
PGND
VCC
RITH
GND
Co
CIN
VOUT
EN
L
CITH
1
2
3
4
8
7
6
5
EN
EN pin
SW pin
PVCC
SW
PVCC
PVCC
ITH
ITH pin
VCC
VCC
VOUT
10kΩ
VOUT pin


Similar Part No. - BD8961NV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD8961NV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8964FVM ROHM-BD8964FVM Datasheet
557Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM_10 Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8967FVM ROHM-BD8967FVM Datasheet
400Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
493Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8963EFJ ROHM-BD8963EFJ Datasheet
489Kb / 18P
   Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com