Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5818 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N5818
Description  1 Amp Schottky Barrier Rectifier 20 to 40 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5818 Datasheet(HTML) 1 Page - Micro Commercial Components

  1N5818 Datasheet HTML 1Page - Micro Commercial Components 1N5818 Datasheet HTML 2Page - Micro Commercial Components 1N5818 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5817
THRU
1N5819
1 Amp Schottky
Barrier Rectifier
20 to 40 Volts
DO-41
Features
Guard Ring Protection
Low Forward Voltage
Low Power Loss For High Efficiency
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +125°C
Maximum Thermal Resistance; 80
°C/W Junction To Ambient
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
1N5817
20V
14V
20V
1N5818
30V
21V
30V
1N5819
40V
28V
40V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 90
°C
Peak Forward Surge
Current
IFSM
25A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1N5817
1N5818
1N5819
VF
.45V
.55V
.60V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0mA
10mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
Cj
110pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - 1N5818

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5818 MOTOROLA-1N5818 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Vishay Siliconix
1N5818 VISHAY-1N5818 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
AiT Semiconductor Inc.
1N5818 AITSEMI-1N5818 Datasheet
563Kb / 5P
   SCHOTTKY DIODES SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
REV1.0
logo
Stanson Technology
1N5818 STANSON-1N5818 Datasheet
67Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Central Semiconductor C...
1N5818 CENTRAL-1N5818 Datasheet
58Kb / 1P
   Schottky Barrier Rectifier
More results

Similar Description - 1N5818

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR102 MCC-SR102 Datasheet
311Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817 MCC-1N5817 Datasheet
81Kb / 2P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5817 YFWDIODE-1N5817 Datasheet
77Kb / 2P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Micro Commercial Compon...
1N5817 MCC-1N5817_14 Datasheet
493Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5817-DO41 YFWDIODE-1N5817-DO41 Datasheet
277Kb / 2P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Micro Commercial Compon...
DL5817 MCC-DL5817 Datasheet
78Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
DL5817 MCC-DL5817_11 Datasheet
458Kb / 4P
   1 Amp Schottky Barrier Rectifier 20 to 40 Volts
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817W MCC-B5817W Datasheet
368Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
   1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com