Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIP05-1A72-11L Datasheet(PDF) 2 Page - Meder Electronic

Part # DIP05-1A72-11L
Description  DIP Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIP05-1A72-11L Datasheet(HTML) 2 Page - Meder Electronic

  DIP05-1A72-11L Datasheet HTML 1Page - Meder Electronic DIP05-1A72-11L Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIP05-1A72-11L
Item:
| Email: salesasia@meder.com
3205172011
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Environmental data
Conditions
Min
Typ
Max
Unit
0
1/2 sine wave duration 11ms
Shock
0
from 10 - 2000 Hz
Vibration
1
2
Operating temperature
1
3
2
Storage temperature
1
4
wave soldering max. 5 sec.
Soldering temperature
fully sealed
Washability
General data
Conditions
Min
Typ
Max
Unit
0
Total weigth
Tube per 25 piece
Packaging
Modifications in the sense of technical progress are reserved
21.04.04
SCHELLHORN
KOLBRICH
4
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
27.08.09
KOLBRICH
KOLBRICH
Approval by:
Approval by:
24.02.09
Approval at:
Approval at:
27.08.09


Similar Part No. - DIP05-1A72-11L

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP05-1A72-11L MEDER-DIP05-1A72-11L Datasheet
433Kb / 5P
   Molded DIP
DIP05-1A72-11LHR MEDER-DIP05-1A72-11LHR Datasheet
116Kb / 2P
   DIP Reed Relay
DIP05-1A72-11LHR_DE MEDER-DIP05-1A72-11LHR_DE Datasheet
115Kb / 2P
   (deutsch) DIP Reed Relay
DIP05-1A72-11L_DE MEDER-DIP05-1A72-11L_DE Datasheet
103Kb / 2P
   (deutsch) DIP Reed Relay
More results

Similar Description - DIP05-1A72-11L

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-13L MEDER-DIP12-1A75-13L_09 Datasheet
103Kb / 2P
   DIP Reed Relay
DIP12-1C90-51QHR MEDER-DIP12-1C90-51QHR Datasheet
104Kb / 2P
   DIP Reed Relay
DIP05-1C90-51L MEDER-DIP05-1C90-51L Datasheet
116Kb / 2P
   DIP Reed Relay
DIP12-1C90-51F MEDER-DIP12-1C90-51F Datasheet
114Kb / 2P
   DIP Reed Relay
DIP05-1A72-10C MEDER-DIP05-1A72-10C Datasheet
174Kb / 2P
   DIP Reed Relay
DIP12-2A72-21F MEDER-DIP12-2A72-21F Datasheet
114Kb / 2P
   DIP Reed Relay
DIP15-1B72-19D MEDER-DIP15-1B72-19D Datasheet
116Kb / 2P
   DIP Reed Relay
DIP05-2A72-21D MEDER-DIP05-2A72-21D Datasheet
117Kb / 2P
   DIP Reed Relay
DIP05-1A75-13L MEDER-DIP05-1A75-13L Datasheet
103Kb / 2P
   DIP Reed Relay
DIP05-1A72-13L MEDER-DIP05-1A72-13L Datasheet
112Kb / 2P
   DIP Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com