Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9150MUV Datasheet(PDF) 3 Page - Rohm

Part # BD9150MUV
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9150MUV Datasheet(HTML) 3 Page - Rohm

  BD9150MUV Datasheet HTML 1Page - Rohm BD9150MUV Datasheet HTML 2Page - Rohm BD9150MUV Datasheet HTML 3Page - Rohm BD9150MUV Datasheet HTML 4Page - Rohm BD9150MUV Datasheet HTML 5Page - Rohm BD9150MUV Datasheet HTML 6Page - Rohm BD9150MUV Datasheet HTML 7Page - Rohm BD9150MUV Datasheet HTML 8Page - Rohm BD9150MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technical Note
3/16
BD9150MUV
www.rohm.com
2010.04 - Rev.C
c
2010 ROHM Co., Ltd. All rights reserved.
Block Diagram, Application Circuit
BD9150MUV】
Fig.1 BD9150MUV TOP View
Fig.2 BD9150MUV Block Diagram
Pin No. & function table
Pin
No.
Pin
name
Function
Pin
No.
Pin
name
Function
1
PGND2
Ch2 Lowside source pin
11
ITH1
Ch1 GmAmp output pin/Connected
phase compensation capacitor
2
PVcc
Highside FET source pin
12
AGND
Ground
3
PVcc
Highside FET source pin
13
N.C.
Non Connection
4
PVcc
Highside FET source pin
14
AVcc
VCC power supply input pin
5
PGND1
Ch1 Lowside source pin
15
ITH2
Ch1 GmAmp output pin/Connected
phase compensation capacitor
6
PGND1
Ch1 Lowside source pin
16
FB2
Ch2 output voltage detect pin
7
SW1
Ch1 Pch/Nch FET drain output pin
17
EN2
Ch2 Enable pin(High Active)
8
SW1
Ch1 Pch/Nch FET drain output pin
18
SW2
Ch2 Pch/Nch FET drain output pin
9
EN1
Ch1 Enable pin(High Active)
19
SW2
Ch2 Pch/Nch FET drain output pin
10
FB1
Ch1 output voltage detect pin
20
PGND2
Ch2 Lowside source pin
(Unit : mm)
2.1
±0.1
C0.2
0.5
1.0
15
6
10
11
15
16
20
4.0
±0.1
0.25
+0.05
-0.04
0.08 S
S
D9150
Lot No.
Current
Sense/
Protect
+
Driver
Logic
Soft
Start1
Slope1
R
S
Q
OSC
VREF
SCP/
TSD
SCP2
Current
Sense/
Protect
+
Driver
Logic
Soft
Start2
Slope2
R
S
Q
SCP1
CLK2
Gm Amp
Current
Comp
Gm Amp
Current
Comp
CLK1
CLK2
UVLO
FB1
EN1
FB2
EN2
PVCC
SW1
PGND2
SW2
AGND
ITH1
ITH2
AGND
AVCC
PVCC
PGND1


Similar Part No. - BD9150MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV-E2 ROHM-BD9150MUV-E2 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9150MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com