Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9150MUV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD9150MUV-E2
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9150MUV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD9150MUV-E2 Datasheet HTML 2Page - Rohm BD9150MUV-E2 Datasheet HTML 3Page - Rohm BD9150MUV-E2 Datasheet HTML 4Page - Rohm BD9150MUV-E2 Datasheet HTML 5Page - Rohm BD9150MUV-E2 Datasheet HTML 6Page - Rohm BD9150MUV-E2 Datasheet HTML 7Page - Rohm BD9150MUV-E2 Datasheet HTML 8Page - Rohm BD9150MUV-E2 Datasheet HTML 9Page - Rohm BD9150MUV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Technical Note
6/16
BD9150MUV
www.rohm.com
2010.04 - Rev.C
c
2010 ROHM Co., Ltd. All rights reserved.
Information on advantages
Advantage 1:Offers fast transient response with current mode control system.
Fig.24Transient response
Advantage 2: Offers high efficiency for all load range.
For lighter load:
Utilizes the current mode control mode called SLLM for lighter load, which reduces various dissipation such as switching
dissipation (PSW), gate charge/discharge dissipation, ESR dissipation of output capacitor (PESR) and on-resistance
dissipation (PRON) that may otherwise cause degradation in efficiency for lighter load.
Achieves efficiency improvement for lighter load.
For heavier load:
Utilizes the synchronous rectifying mode and the low on-resistance MOS FETs incorporated as power transistor.
ON resistance of Highside MOS FET : 170mΩ(Typ.)
ON resistance of Lowside MOS FET : 130mΩ(Typ.)
Achieves efficiency improvement for heavier load.
Offers high efficiency for all load range with the improvements mentioned above.
Advantage 3:・Supplied in smaller package due to small-sized power MOS FET incorporated.
Reduces a mounting area required.
Fig.26 Example application
Fig.25 Efficiency
BD9150MUV (Load response IO=0.5A→1.5A)
BD9150MUV (Load response IO=1.5A→0.5A)
Output capacitor Co required for current mode control: 22μF ceramic capacitor
Inductance L required for the operating frequency of 1 MHz: 2.2μH inductor
Incorporates FET + Boot strap diode
0.001
0.01
0.1
1
0
50
100
PWM
SLLM
inprovement by SLLM system
improvement by synchronous rectifier
Output current Io[A]
VOUT
IOUT
VOUT
IOUT
L1
VOUT1
ITH1
FB1
EN1
SW1 SW1
AGND
PGND1
PVcc
COUT1
CIN1
PGND1
RITH1
L2
FB2
EN2 SW2 SW2
N.C
.
AVcc
ITH2
PVcc
PVcc
PGND2
VOUT2
R2
R1
CIN2
COUT2
PGND2
RITH2
CITH2
CITH
1
15mm
20mm
CITH1
L1
R1
RITH1
CIN1
CIN2
COUT1
COUT2
L2
R2
CITH2
RITH2


Similar Part No. - BD9150MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9150MUV-E2 ROHM-BD9150MUV-E2 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9150MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com