Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9152MUV Datasheet(PDF) 10 Page - Rohm

Part # BD9152MUV
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9152MUV Datasheet(HTML) 10 Page - Rohm

Back Button BD9152MUV Datasheet HTML 6Page - Rohm BD9152MUV Datasheet HTML 7Page - Rohm BD9152MUV Datasheet HTML 8Page - Rohm BD9152MUV Datasheet HTML 9Page - Rohm BD9152MUV Datasheet HTML 10Page - Rohm BD9152MUV Datasheet HTML 11Page - Rohm BD9152MUV Datasheet HTML 12Page - Rohm BD9152MUV Datasheet HTML 13Page - Rohm BD9152MUV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
BD9152MUV
Technical Note
10/16
www.rohm.com
2010.04 - Rev.C
c
2010 ROHM Co., Ltd. All rights reserved.
Consideration on permissible dissipation and heat generation
As this IC functions with high efficiency without significant heat generation in most applications, no special consideration is
needed on permissible dissipation or heat generation. In case of extreme conditions, however, including lower input
voltage, higher output voltage, heavier load, and/or higher temperature, the permissible dissipation and/or heat generation
must be carefully considered.
For dissipation, only conduction losses due to DC resistance of inductor and ON resistance of FET are considered.
Because the conduction losses are considered to play the leading role among other dissipation mentioned above including
gate charge/discharge dissipation and switching dissipation.
(Example) VCC=5V, VOUT1=3.3V, VOUT2=1.2V, RONH=170mΩ, RONL=130mΩ
IOUT=1.5A, for example,
D1=VOUT1/VCC=3.3/5=0.66
D2=VOUT2/VCC=1.2/5=0.24
RON1=0.66×0.170+(1-0.66)×0.130
=0.1122+0.0442
=0.1564[Ω]
RON2=0.24×0.170+(1-0.24)×0.130
=0.0408+0.0988
=0.1397[Ω]
P=1.5
2×0.1564+1.52×0.1397=0.666[W]
As RONH is greater than RONL in this IC, the dissipation increases as the ON duty becomes greater.
With the consideration on the dissipation as above, thermal design must be carried out with sufficient margin allowed.
Fig.32 Thermal derating curve (VQFN020V4040)
P=IOUT
2×RON
RON=D×RONP+(1-D)RONN
D:ON duty (=VOUT/VCC)
RONH:ON resistance of Highside MOS FET
RONL:ON resistance of Lowside MOS FET
IOUT:Output current
Ambient temperature :Ta [℃]
0
25
50
75
100
125
150
0
2.0
3.0
4.0
1.21W
3.56W
1.0
4.5
0.70W
0.34W
105
4 layers (copper foil area : 5505mm
2)
(copper foil in each layers)
θ
j-a=35.1℃/W
4 layers (copper foil area : 10.29mm
2)
(copper foil in each layers)
θ
j-a=103.3℃/W
1 layer (copper foil area : 0mm
2)
θ
j-a=178.6℃/W
IC only
θ
j-a=367.6℃/W


Similar Part No. - BD9152MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV-E2 ROHM-BD9152MUV-E2 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9152MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com