Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9536FV Datasheet(PDF) 10 Page - Rohm

Part # BD9536FV
Description  2ch Switching Regulator for Desktop PC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9536FV Datasheet(HTML) 10 Page - Rohm

Back Button BD9536FV_10 Datasheet HTML 6Page - Rohm BD9536FV_10 Datasheet HTML 7Page - Rohm BD9536FV_10 Datasheet HTML 8Page - Rohm BD9536FV_10 Datasheet HTML 9Page - Rohm BD9536FV_10 Datasheet HTML 10Page - Rohm BD9536FV_10 Datasheet HTML 11Page - Rohm BD9536FV_10 Datasheet HTML 12Page - Rohm BD9536FV_10 Datasheet HTML 13Page - Rohm BD9536FV_10 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical Note
10/18
BD9536FV
www.rohm.com
2010.07 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Explanation of Operation
The BD9536FV is a 2ch switching regulator controller incorporating ROHM’s proprietary H
3Reg CONTROLLA control system.
When VOUT drops due to a rapid load change, the system quickly restores VOUT by extending the TON time interval.
H
3RegTM control
(Normal operation)
(VOUT drops due to a rapid load change)
Timing Chart
Soft Start Function
Tss(ON)= 50kΩ×Css [sec]
Rush current:
IIN = Co
×
VOUT
Tss
[A]
・・・
(2)
・・・
(3)
When FB falls below the threshold voltage (REF), a drop
is detected, activating the H
3REG CONTROLLA system.
HG output is determined by the formula above.
When FB (VOUT) drops due to a rapid load change, and
the voltage remains below REF after the programmed
tON time interval has elapsed, the system quickly
restores VOUT by extending the tON time, improving
transient response.
Soft start is utilized when the EN pin is set high. Current
control takes effect at startup, enabling a moderate
“ramping start” on the output voltage. Soft start timing
and input current are determined via formula (2) and (3)
below.
Soft start time:
(Css: Soft start capacitor; Co: Output capacitor)
FB
REF
HG
LG
EN
REF
IIN
TSS(ON)
VOUT
FB
REF
HG
Io
LG
TON
tON=
REF
VIN
×
1
f
[sec]・・・(1)


Similar Part No. - BD9536FV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
More results

Similar Description - BD9536FV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD95242MUV ROHM-BD95242MUV Datasheet
614Kb / 21P
   2ch Switching Regurators for Desktop PC
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9540EFV ROHM-BD9540EFV Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9851EFV ROHM-BD9851EFV Datasheet
177Kb / 3P
   2ch switching regulator controller
logo
New Japan Radio
NJU7680 NJRC-NJU7680 Datasheet
162Kb / 11P
   2ch switching regulator IC
logo
Rohm
BD81870EFV-M ROHM-BD81870EFV-M Datasheet
2Mb / 36P
   Step-up / Inverted 2ch Switching Regulator
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com