Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9536FV Datasheet(PDF) 7 Page - Rohm

Part # BD9536FV
Description  2ch Switching Regulator for Desktop PC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9536FV Datasheet(HTML) 7 Page - Rohm

Back Button BD9536FV_10 Datasheet HTML 3Page - Rohm BD9536FV_10 Datasheet HTML 4Page - Rohm BD9536FV_10 Datasheet HTML 5Page - Rohm BD9536FV_10 Datasheet HTML 6Page - Rohm BD9536FV_10 Datasheet HTML 7Page - Rohm BD9536FV_10 Datasheet HTML 8Page - Rohm BD9536FV_10 Datasheet HTML 9Page - Rohm BD9536FV_10 Datasheet HTML 10Page - Rohm BD9536FV_10 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Technical Note
7/18
BD9536FV
www.rohm.com
2010.07 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
IOUT [A]
0.0
0.5
1.0
1.5
2.0
-10
1030
50
7090
Ta [℃]
Fig.13 VOUT2 transient response
VOUT2
(50mV/div)
HG2/LG2
(10V/div)
IOUT2
(5A/div)
Fig.15 Ta vs IIN (active)
(10µs/div)
0
1
2
3
4
5
6
7
8
9
10
-10
1030
5070
90
Ta [℃]
Fig.14 Ta vs IIN (standby)
100
100
4.0
4.5
5.0
5.5
6.0
-10
1030
50
7090
Ta [℃]
100
0.80
0.82
0.84
0.86
0.88
0.90
-10
10
30507090
Ta [℃]
100
-120
-110
-100
-90
-80
-10
10
30507090
Ta [℃]
100
Fig.19 Ta vs SCP threshold (2ch)
Fig.20 Ta vs delay setting voltage
Fig.21 Ta vs OCP threshold
100
1.0
1.1
1.2
1.3
1.4
1.5
-10
1030
50
7090
Ta [℃]
100
0.40
0.44
0.48
0.52
0.56
0.60
-10
10
3050
7090
Ta [℃]
100
Fig.16 Ta vs VREG5V
Fig.17 Ta vs OVP threshold
Fig.18 Ta vs SCP threshold (1ch)
Fig.22 efficiency (1ch)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
IOUT [A]
0.40
0.44
0.48
0.52
0.56
0.60
-10
10
30
507090
Ta [℃]
100
Fig.23 efficiency (2ch)
0.50
0.54
0.58
0.62
0.66
0.70
-10
10
305070
90
Ta [℃]
100
Fig.24 Ta vs REF
REF1
REF2


Similar Part No. - BD9536FV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
More results

Similar Description - BD9536FV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD95242MUV ROHM-BD95242MUV Datasheet
614Kb / 21P
   2ch Switching Regurators for Desktop PC
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9540EFV ROHM-BD9540EFV Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9851EFV ROHM-BD9851EFV Datasheet
177Kb / 3P
   2ch switching regulator controller
logo
New Japan Radio
NJU7680 NJRC-NJU7680 Datasheet
162Kb / 11P
   2ch switching regulator IC
logo
Rohm
BD81870EFV-M ROHM-BD81870EFV-M Datasheet
2Mb / 36P
   Step-up / Inverted 2ch Switching Regulator
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com