Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9536FV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD9536FV-E2
Description  2ch Switching Regulator for Desktop PC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9536FV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD9536FV-E2 Datasheet HTML 7Page - Rohm BD9536FV-E2 Datasheet HTML 8Page - Rohm BD9536FV-E2 Datasheet HTML 9Page - Rohm BD9536FV-E2 Datasheet HTML 10Page - Rohm BD9536FV-E2 Datasheet HTML 11Page - Rohm BD9536FV-E2 Datasheet HTML 12Page - Rohm BD9536FV-E2 Datasheet HTML 13Page - Rohm BD9536FV-E2 Datasheet HTML 14Page - Rohm BD9536FV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Technical Note
11/18
BD9536FV
www.rohm.com
2010.07 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Timing Chart
Over current protection circuit
Timer Latch Type Short Circuit Protection
Output Over Voltage Protection
When output voltage rises to or above REF x 1.2, output
over-voltage protection engages after the set time TSCP/8
has elapsed. During this protection period, the low-side
FET opens completely for maximum reduction of output
voltage (LG = high, HG = low). Output voltage can be
restored either by reconnecting the EN pin or disabling
UVLO.
During normal operation, when VOUT falls below REF,
HG switches high during for the period of time tON (P8).
However, if the current through the inductor exceeds the
ILIMIT threshold, HG will switch off.
After the MAX ON TIME period elapses, HG switches
high again if the output voltage is lower than the
specified voltage level, and if IL is lower than the ILIMIT
level.
Short protection time setting
Tscp=
1.2(V)×CSCP
2 µA(typ)
[sec] ・・・(4)
tON
tON
HG
LG
IL
tON
tON
Short protection engages when output falls to or below
REF x 0.8. When the programmed time period elapses,
output is latched off to prevent damage to the IC. Output
voltage can be restored either by reconnecting the EN pin
or disabling UVLO. Short circuit protection time is
determined via formula (4) below.
HG
LG
REF×1.2
Switching
VOUT
Delay setting voltage
1.2V
SCP
FB
SCP
EN/UVLO
TSCP
REF×0.8
Delay setting voltage
1.2V


Similar Part No. - BD9536FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
More results

Similar Description - BD9536FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD95242MUV ROHM-BD95242MUV Datasheet
614Kb / 21P
   2ch Switching Regurators for Desktop PC
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9540EFV ROHM-BD9540EFV Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9851EFV ROHM-BD9851EFV Datasheet
177Kb / 3P
   2ch switching regulator controller
logo
New Japan Radio
NJU7680 NJRC-NJU7680 Datasheet
162Kb / 11P
   2ch switching regulator IC
logo
Rohm
BD81870EFV-M ROHM-BD81870EFV-M Datasheet
2Mb / 36P
   Step-up / Inverted 2ch Switching Regulator
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com