Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9673EFJ-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD9673EFJ-E2
Description  Flexible Step-down Switching Regulator with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9673EFJ-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD9673EFJ-E2 Datasheet HTML 3Page - Rohm BD9673EFJ-E2 Datasheet HTML 4Page - Rohm BD9673EFJ-E2 Datasheet HTML 5Page - Rohm BD9673EFJ-E2 Datasheet HTML 6Page - Rohm BD9673EFJ-E2 Datasheet HTML 7Page - Rohm BD9673EFJ-E2 Datasheet HTML 8Page - Rohm BD9673EFJ-E2 Datasheet HTML 9Page - Rohm BD9673EFJ-E2 Datasheet HTML 10Page - Rohm BD9673EFJ-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Technical Note
7/16
www.rohm.com
2011.07 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD9673EFJ
0
5
10
15
20
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
0
50
100
150
200
250
300
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
0
2
4
6
8
10
12
14
16
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
VCC=42V
VCC=36V
VCC=24V
VCC=12V
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
0
0.5
1
1.5
2
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
0
1
2
3
4
5
6
-60 -40 -20
0
20
40
60
80 100 120
Temp[℃ ]
VCC=12V
VCC=24V
VCC=36V
VCC=42V
Fig.18. VC to SW current transconductance
Temperature characteristics
Fig.19. EN Threshold Temperature
Characteristics
Fig.17. OCP Detect Current
Temperature Characteristics
Fig.14. Soft Start Time
Temperature Characteristics
Fig.15. Nch FET ON Resistance
Temperature Characteristics
Fig.16. Pre-charge FET ON Resistance
Temperature Characteristics


Similar Part No. - BD9673EFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ-E2 ROHM-BD9673AEFJ-E2 Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9673EFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD8649EFV ROHM-BD8649EFV Datasheet
373Kb / 14P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD8646FV ROHM-BD8646FV_10 Datasheet
369Kb / 14P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com