Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9775FV Datasheet(PDF) 2 Page - Rohm

Part # BD9775FV
Description  High Efficiency Step-down Switching Regulator Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9775FV Datasheet(HTML) 2 Page - Rohm

  BD9775FV_11 Datasheet HTML 1Page - Rohm BD9775FV_11 Datasheet HTML 2Page - Rohm BD9775FV_11 Datasheet HTML 3Page - Rohm BD9775FV_11 Datasheet HTML 4Page - Rohm BD9775FV_11 Datasheet HTML 5Page - Rohm BD9775FV_11 Datasheet HTML 6Page - Rohm BD9775FV_11 Datasheet HTML 7Page - Rohm BD9775FV_11 Datasheet HTML 8Page - Rohm BD9775FV_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Technical Note
2/14
www.rohm.com
2011.05 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD9775FV
Electrical characteristics (Ta=25℃, VCC=13.2V, fosc=100kHz, CTL1=3V, CTL2=3V)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Whole Device】
Stand-by Current
Iccst
5
µA
CTL1,CTL2=0V
Circuit Current
Icc
2.5
4.2
7
mA
FB1,FB2=0V
Reference Voltage】
VREF Output Voltage
Vref
2.97
3.00
3.03
V
Io=-1mA
Line Regulation
DVli
10
mV
Vcc=7 to 18V,Io=-1mA
Load Regulation
DVlo
10
mV
Io=-0.1mA to -2mA
Short Output Current
Ios
-60
-22
-5
mA
Internal Voltage Regulator】
VREGA Output Voltage
Vrega
4.5
5.0
5.5
V
Switching with COUT=5000pF
VREGB Output Voltage
Vregb
VCC-5.5
VCC-5.0
VCC-4.5
V
Switching with COUT=5000pF
VREGB Dropout Voltage
Vdregb
1.8
2.2
V
VREGB to GND Voltage
Oscillator】
Oscillating Frequency
fosc
90
100
110
kHz
RT=27kΩ,CT=470pF
Frequency Tolerance
Dfosc
2
%
Vcc=7 to 18V
Synchronized Frequency】
Synchronized Frequency
fosc2
120
kHz
FIN=120kHz
FIN Threshold Voltage
Vthfin
1.2
1.4
1.6
V
FIN Input Current
IFIN
-1
1
µA
VFIN=1.4V
Error Amplifier】
Threshold Voltage
Vthea
0.98
1.00
1.02
V
INV Input Bias Current
Ibias
-1
1
µA
Voltage Gain
Av
70
dB
DC
Band Width
Bw
2.0
MHz
Av=0dB
Maximum Output Voltage
Vfbh
2.2
2.4
2.6
V
INV=0.5V
Minimum Output Voltage
Vfbl
0.1
V
INV=1.5V
Output Sink Current
Isink
0.5
2
5.2
mA
FB1,2 Terminal
Output Source Current
Isource1
-170
-110
-70
µA
FB1 Terminal
Isource2
-200
-130
-85
µA
FB2 Terminal


Similar Part No. - BD9775FV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9775FV-E2 ROHM-BD9775FV-E2 Datasheet
554Kb / 29P
   Dual-output, high voltage, high-efficiency step-down Switching Regulator
More results

Similar Description - BD9775FV_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Linear Technology
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com