Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9845FV-E2 Datasheet(PDF) 9 Page - Rohm

Part # BD9845FV-E2
Description  Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9845FV-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BD9845FV-E2 Datasheet HTML 5Page - Rohm BD9845FV-E2 Datasheet HTML 6Page - Rohm BD9845FV-E2 Datasheet HTML 7Page - Rohm BD9845FV-E2 Datasheet HTML 8Page - Rohm BD9845FV-E2 Datasheet HTML 9Page - Rohm BD9845FV-E2 Datasheet HTML 10Page - Rohm BD9845FV-E2 Datasheet HTML 11Page - Rohm BD9845FV-E2 Datasheet HTML 12Page - Rohm BD9845FV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
BD9845FV
Technical Note
9/15
www.rohm.com
2011.08 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
7) STB /SEL(Standby/Master/Slave function)
Standby mode and normal mode can be switched by STB terminal (4pin).
1.
When STB<0.5V, standby mode is set.
Out put stop (OUT=H) and REG also stops. Circuit current is also Isc = 0 uA here.
2.
When STB>3.0V, normal operation mode is set.
All circuits operate. Use the controller normally in this range.
Master mode and slave mode can be switched by SEL terminal (10pin).
1.
When SEL<0.5V, master mode is set.
All circuits operate.
2.
When SEL>0.5V, slave mode is set.
Operation status is set , but OSC block alone is stopped, CT terminal is High-Z here, and triangular wave is not
output.(PWM circuit and protection circuit perform the same operation as usual.) Therefore, if the controller is used in
this more without using master IC, triangular wave is not emitted, operation is unstable, and normal output cannot be
obtained. Be careful.
8) OUT (Output: External FET gate drive)
OUT terminal (6pin) is capable of directly driving the gate of
external (PchMOS) FET. Amplitude of output is restricted
between Vcc and C5V (Vcc-5V), and is not restricted by
voltage resistance of gate by input voltage, which allows
broad selection of FET.
However, for precaution when selecting FET, there is a
restriction that input capacity of gate is determined by
current capability of C5V and permissible loss of IC,
therefore refer to the permissible range in the graph on the
right when determining FET.
9) Protection (other protection functions)
This IC is equipped with low input malfunction prevention circuit (UVLO) and abnormal temperature protection circuit
(TSD) in addition to overcurrent detection circuit (OCP).
Low input malfunction prevention circuit is for preventing unstable output when input voltage is low.
Three positions of Vcc (3.2V), VREF(2.35V), and C5V(Vcc-3V) are monitored, and output is made only when all are
canceled. (See the timing chart.)
Abnormal temperature protection circuit is for protecting IC chip from destruction for preventing runaway when abnormal
heating is caused on IC exceeding rated temperature. (It does not operate normally.)
Apply a design with full margin allowed for heating in consideration of permissible loss.
Fig.35 OUT 端子外付け容量許容範囲
1.E-10
1.E-09
1.E-08
1.E-07
100
1000
10000
Switching f requency [kHz]
Cout_max
Cout_max
(Vcc=10V)
Cout_max
(Vcc=20V)
Cout_max
(Vcc=30V)
Perm is s ible r ange
Area below each line under each condition
Fig.36


Similar Part No. - BD9845FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9845FV ROHM-BD9845FV Datasheet
590Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
More results

Similar Description - BD9845FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9845FV ROHM-BD9845FV Datasheet
590Kb / 16P
   Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9842FVE ROHM-BD9842FVE Datasheet
1Mb / 17P
   Dual-output High-frequency step-down Switching Regulator (Controller type)
BD9850FVM ROHM-BD9850FVM_08 Datasheet
792Kb / 17P
   Single-output High-frequency Step-down Switching Regulator(Controller type)
BD9853AFV ROHM-BD9853AFV Datasheet
472Kb / 17P
   Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
BD9305AFVM ROHM-BD9305AFVM Datasheet
417Kb / 15P
   Single-output Step-up,High-efficiency Switching Regulator(Controller Type)
BD9763FVM ROHM-BD9763FVM Datasheet
383Kb / 12P
   Single-output Step-up,High-efficiency Switching Regulator (Controller Type)
logo
Analog Intergrations Co...
AIC1579 AIC-AIC1579 Datasheet
315Kb / 8P
   Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5069JA ONSEMI-LV5069JA Datasheet
344Kb / 20P
   Step-down Switching Regulator Controller
March, 2013
logo
Linear Technology
LTC1430A LINER-LTC1430A_15 Datasheet
296Kb / 24P
   High Power Step-Down Switching Regulator Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com