Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD26502GUL-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD26502GUL-E2
Description  7x17(Max.) Dot Matrix LED Display Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD26502GUL-E2 Datasheet(HTML) 2 Page - Rohm

  BD26502GUL-E2 Datasheet HTML 1Page - Rohm BD26502GUL-E2 Datasheet HTML 2Page - Rohm BD26502GUL-E2 Datasheet HTML 3Page - Rohm BD26502GUL-E2 Datasheet HTML 4Page - Rohm BD26502GUL-E2 Datasheet HTML 5Page - Rohm BD26502GUL-E2 Datasheet HTML 6Page - Rohm BD26502GUL-E2 Datasheet HTML 7Page - Rohm BD26502GUL-E2 Datasheet HTML 8Page - Rohm BD26502GUL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Technical Note
2/39
BD26502GUL
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics (Unless otherwise specified, Ta=25°C, VBAT=3.6V, VINSW=3.6V, VIO=1.8V)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
[ Circuit Current ]
VBAT Circuit current 1
IBAT1
-
0
3.0
μA
RESETB=0V, VIO=0V
VBAT Circuit current 2
IBAT2
-
0.8
5.0
μA
RESETB=0V, VIO=1.8V
VBAT Circuit current 3
IBAT3
-
2.0
3.5
mA
When LED1-17 are active
with default settings.
[ UVLO ]
UVLO Threshold
VUVLO
-
2.1
2.5
V
VBAT falling
UVLO Hysteresis
VHYUVLO
50
-
-
mV
[ LED Driver ] (LED1-17)
Maximum output current
ILEDMax
-
20.00
-
mA LED1-17 ,ISET=100kΩ
Output current
ILED
-7.0%
10.67
+7.0%
mA I=10.67mA setting, VLED=1V
LED current Matching
ILEDMT
-
-
5
%
ILEDMT=
(ILEDMax-ILEDMin)/(ILEDMax+ILEDMin)
I=10.67mA setting, VLED=1V
Driver pin voltage range
VLED
0.2
-
VBAT- 1.4
V
LED OFF Leak current
ILKLED
-
-
1.0
μA
[ PMOS switch ]
Leak current at OFF
ILEAKP
-
-
1.0
μA
Resistor at ON
RonP
-
1.0
-
Isw=170mA, VINSW=4.5V
[ OSC ]
OSC frequency
fosc
0.96
1.2
1.44
MHz
[ CE, SYNC, CLKIN, IFMODE ]
L level input voltage
VIL1
-0.3
-
0.25 x VIO
V
H level input voltage
VIH1
0.75 x VIO
-
VIO +0.3
V
L level input current
IIL1
-
0
1
μA
H level input current
IIH1
-
0
1
μA
[ SDA, SCL ]
L level input voltage
VIL2
-0.3
-
0.25 x VIO
V
H level input voltage
VIH2
0.75 x VIO
-
VIO +0.3
V
Input hysteresis
Vhys
0.05 x VIO
-
-
V
L level output voltage
(for SDA pin)
VOL2
0
-
0.3
V
At 3mA sink current
Input current
Iin1
-3
-
3
μA
Input voltage = from (0.1 x VIO) to (0.9 x VIO)
[ RESETB ]
L level input voltage
VIL3
-0.3
-
0.25 x VIO
V
H level input voltage
VIH3
0.75 x VIO
-
VIO +0.3
V
Input current
Iin2
-
0
1
μA
Input voltage = from (0.1 x VIO) to (0.9 x VIO)
[ CLKOUT ]
L level output voltage
VOL1
-
-
0.4
V
IOL=2mA
H level output voltage
VOH1
0.75 x VIO
-
-
V
IOH=-2mA


Similar Part No. - BD26502GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD26503GUL ROHM-BD26503GUL Datasheet
799Kb / 44P
   7x17(Max ) Dot Matrix LED Display Driver
BD26503GUL-E2 ROHM-BD26503GUL-E2 Datasheet
799Kb / 44P
   7x17(Max ) Dot Matrix LED Display Driver
More results

Similar Description - BD26502GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD26503GUL ROHM-BD26503GUL Datasheet
799Kb / 44P
   7x17(Max ) Dot Matrix LED Display Driver
logo
Yellow Stone Corp
BM-10288 YSTONE-BM-10288 Datasheet
188Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-20288MD ETC-BM-20288MD Datasheet
198Kb / 1P
   LED DOT MATRIX DISPLAY
BM-20EG57MD ETC-BM-20EG57MD Datasheet
169Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-40258 ETC-BM-40258 Datasheet
182Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-22EG58ND BRIGHT-BM-22EG58ND Datasheet
92Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TOM-2057BS-B ETC1-TOM-2057BS-B Datasheet
356Kb / 2P
   Dot Matrix Display LED
2019/2/15
logo
Yellow Stone Corp
BM-07257MD YSTONE-BM-07257MD Datasheet
124Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-10EG58ND BRIGHT-BM-10EG58ND Datasheet
165Kb / 3P
   LED DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com