Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD35390FJ Datasheet(PDF) 3 Page - Rohm

Part # BD35390FJ
Description  Termination Regulator for DDR-SDRAMs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD35390FJ Datasheet(HTML) 3 Page - Rohm

  BD35390FJ_09 Datasheet HTML 1Page - Rohm BD35390FJ_09 Datasheet HTML 2Page - Rohm BD35390FJ_09 Datasheet HTML 3Page - Rohm BD35390FJ_09 Datasheet HTML 4Page - Rohm BD35390FJ_09 Datasheet HTML 5Page - Rohm BD35390FJ_09 Datasheet HTML 6Page - Rohm BD35390FJ_09 Datasheet HTML 7Page - Rohm BD35390FJ_09 Datasheet HTML 8Page - Rohm BD35390FJ_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BD35390FJ
Technical Note
3/10
www.rohm.com
2009.10 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data
Fig.1 DDR3 (1A→-1A)
(10µsec/div.)
Fig.2 DDR2 (1A→-1A)
(10µsec/div.)
Fig.3 DDR1(1A→-1A)
Fig.4 DDR3 (-1A→1A)
VCC
EN
VDDQ
VTT_IN
VTT
Fig.5 DDR2 (-1A→1A)
Fig.6 DDR1 (-1A→1A)
Fig.7 Input sequence1
Fig.8 Input sequence2
(2sec/div.)
(200µsec/Div.)
Fig.9 Input sequence3
Fig.13 EN soft start
(DDR2)
Fig.14 PGOOD Delay
(Start up-Shut down)
Fig.15 PGOOD Delay
(TSD OFF-TSD ON)
(2sec/div.)
(2sec/div.)
(10µsec/div.)
(10µsec/div.)
(10µsec/div.)
(10µsec/div.)
(10µsec/div.)
(1msec/div.)
(100µsec/div.)
VTT(20mV/div)
ITT(1A/div)
sink
source
VTT(20mV/div)
ITT(1A/div)
sink
source
VTT(20mV/div)
ITT(1A/div)
sink
source
VTT(20mV/div)
ITT(1A/div)
sink
source
VTT(20mV/div)
ITT(1A/div)
sink
source
VCC
EN
VDDQ
VTT_IN
VTT
VCC
EN
VDDQ
VTT_IN
VTT
Fig.10 ITT-VTT(DDR2)
Fig.11 ITT-VTT(DDR1)
Fig.12 ITT-VTT(DDR3)
1050
1000
950
900
850
800
750
1400
1350
1300
1250
1200
1150
1100
900
850
800
750
700
650
600
-2 -1.5 -1 -0.5 0
0.5
1
1.5
2
-2 -1.5 -1 -0.5 0
0.5
1
1.5
2
-2 -1.5 -1 -0.5
0
0.5
1
1.5
2
VTT(20mV/div)
ITT(1A/div)
sink
source
VTT
(0.3V/div)
EN
(1V/div)
EN
(1V/div)
VTTS
(0.3V/div)
PGOOD
(1V/div)
PGOOD
(1V/div.)


Similar Part No. - BD35390FJ_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
More results

Similar Description - BD35390FJ_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com