Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD35281HFN-TR Datasheet(PDF) 2 Page - Rohm

Part # BD35281HFN-TR
Description  Nch FET Ultra LDO for Desktop PCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD35281HFN-TR Datasheet(HTML) 2 Page - Rohm

  BD35281HFN-TR Datasheet HTML 1Page - Rohm BD35281HFN-TR Datasheet HTML 2Page - Rohm BD35281HFN-TR Datasheet HTML 3Page - Rohm BD35281HFN-TR Datasheet HTML 4Page - Rohm BD35281HFN-TR Datasheet HTML 5Page - Rohm BD35281HFN-TR Datasheet HTML 6Page - Rohm BD35281HFN-TR Datasheet HTML 7Page - Rohm BD35281HFN-TR Datasheet HTML 8Page - Rohm BD35281HFN-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical Note
2/15
www.rohm.com
2011.01 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD35281HFN
Operating Voltage (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Min.
Max.
Input Voltage 1
VCC
4.3
5.5
V
Input Voltage 2
VIN
1.5
VCC-1 *
5
V
Output Voltage Setting Range
IO
1.2 (fixed)
V
Enable Input Voltage
VEN
-0.3
5.5
V
NRCS Capacity
CNRCS
0.001
1
µF
*5 VCC and VIN do not have to be implemented in the order listed.
This product is not designed for use in radioactive environments.
Electrical Characteristics (Unless otherwise specified, Ta=25℃, VCC=5V, VEN=3V, VIN=1.7V)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Bias Current
ICC
-
0.7
1.2
mA
VCC Shutdown Mode Current
IST
-
0
10
µA
VEN=0V
Output Voltage
IO
1.5
-
-
A
Feedback Voltage 1
VOS1
1.188
1.200
1.212
V
Feedback Voltage 2
VOS2
1.176
1.200
1.224
V
Tj=-10 to 100℃
Line Regulation 1
Reg.l1
-
0.1
0.5
%/V
VCC=4.3V to 5.5V
Line Regulation 2
Reg.l2
-
0.1
0.5
%/V
VIN=1.5V to 3.3V
Load Regulation
Reg.L
-
0.5
10
mV
IO=0 to 1.5A
Output ON Resistance
RON
-
100
150
IO=1.5A,VIN=1.2V,
Tj=-10 to 100℃
Standby Discharge Current
IDEN
1
-
-
mA
VEN=0V, VO=1V
[ENABLE]
Enable Pin Input Voltage High
ENHIGH
2
-
-
V
Enable Pin Input Voltage Low
ENLOW
0
-
0.8
V
Enable Input Bias Current
IEN
-
7
10
µA
VEN=3V
[NRCS]
NRCS Charge Current
INRCS
12
20
28
µA
NRCS Standby Voltage
VSTB
-
0
50
mV
VEN=0V
[UVLO]
VCC Undervoltage Lockout
Threshold Voltage
VCCUVLO
3.5
3.8
4.1
V
VCC:Sweep-up
VCC Undervoltage Lockout
Hysteresis Voltage
VCCHYS
100
160
220
mV
VCC:Sweep-down
VIN Undervoltage Lockout
Threshold Voltage
VINUVLO
0.72
0.84
0.96
V
VIN:Sweep-up
[SCP]
SCP Start up Voltage
VOSCP
VO×0.3
VO×0.4
VO×0.5
V
SCP Threshold Voltage
TSCP
45
90
200
µsec


Similar Part No. - BD35281HFN-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD35281HFN ROHM-BD35281HFN Datasheet
137Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD35281HFN-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com