Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD65491FV Datasheet(PDF) 4 Page - Rohm

Part # BD65491FV
Description  1-2ch Lens Drivers for SLRs (Single-lens Reflex)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD65491FV Datasheet(HTML) 4 Page - Rohm

  BD65491FV Datasheet HTML 1Page - Rohm BD65491FV Datasheet HTML 2Page - Rohm BD65491FV Datasheet HTML 3Page - Rohm BD65491FV Datasheet HTML 4Page - Rohm BD65491FV Datasheet HTML 5Page - Rohm BD65491FV Datasheet HTML 6Page - Rohm BD65491FV Datasheet HTML 7Page - Rohm BD65491FV Datasheet HTML 8Page - Rohm BD65491FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Note
4/9
www.rohm.com
2011.02 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD65491FV,BD65492MUV
Reference data
BD65492MUV
0
1000
2000
3000
4000
0
25
50
75
100
125
150
Ambient temperature : Ta [℃]
3560mW
700mW
85℃
2200mW
1856mW
1144mW
364mW
BD65491FV
0
200
400
600
800
1000
0
25
50
75
100
125
150
Ambient temperature : Ta [℃]
870mW
452mW
85℃
BD65491FV
0.0
1.0
2.0
3.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Supply voltage : VCC [V]
Top 85°C
Mid 25°C
Low -30°C
Operation range
(2.5V~5.5V)
BD65492MUV
0.0
1.0
2.0
3.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Supply voltage : VCC [V]
Operation range
(2.5V~5.5V)
Top 85°C
Mid 25°C
Low -30°C
BD65491FV
0
50
100
150
200
250
300
0
200
400
600
800
1000 1200
Output Current : IOUT [mA]
Top 85°C
Mid 25°C
Low -30°C
BD65492MUV
0
200
400
600
800
0
200
400
600
800
1000
Output Current : IOUT [mA]
Top 85°C
Mid 25°C
Low -30°C
BD65491FV
0
50
100
150
200
250
300
0
200
400
600
800
1000 1200
Output Current : IOUT [mA]
Top 85°C
Mid 25°C
Low -30°C
BD65492MUV
0
200
400
600
800
0
200
400
600
800
1000
Output Current : IOUT [mA]
Top 85°C
Mid 25°C
Low -30°C
BD65491FV
0.0
0.2
0.4
0.6
0.8
1.0
0.0
5.0
10.0
15.0
20.0
VM voltage : VM [V]
Operation range
(1.8V~16.0V)
Top 85°C
Mid 25°C
Low -30°C
BD65492MUV
0.0
0.2
0.4
0.6
0.8
1.0
0.0
5.0
10.0
15.0
20.0
VM voltage : VM [V]
Operation range
(1.8V~16.0V)
Top 85°C
Mid 25°C
Low -30°C
BD65491FV
0.0
0.1
0.2
0.3
0.4
0.5
0.0
5.0
10.0
15.0
20.0
VM voltage : VM [V]
Operation range
(1.8V~16.0V)
Top 85°C
Mid 25°C
Low -30°C
BD65492MUV
0.0
0.1
0.2
0.3
0.4
0.5
0.0
5.0
10.0
15.0
20.0
VM voltage : VM [V]
Operation range
(1.8V~16.0V)
Top 85°C
Mid 25°C
Low -30°C
Fig.2 Power Dissipation Curve
Fig.3 Power Dissipation Curve
Fig.4 Circuit current
(Open Mode)
Fig.5 Circuit current
(Open Mode)
Fig.6 Output ON-Resistance
on High-Side
(VM=5V,Vcc=3V)
Fig.7 Output ON-Resistance
on High-Side
(VM=5V,Vcc=3V)
Fig.8 Output ON-Resistance
on Low-Side
(VM=5V,Vcc=3V)
Fig.9 Output ON-Resistance
on Low-Side
(VM=5V,Vcc=3V)
Fig.10 Output ON-Resistance
on High-Side
(VM Dependency, Vcc=3V)
Fig.11 Output ON-Resistance
on High-Side
(VM Dependency, Vcc=3V)
Fig.12 Output ON-Resistance
on Low-Side
(VM Dependency, Vcc=3V)
Fig.13 Output ON-Resistance
on Low-Side
(VM Dependency, Vcc=3V)


Similar Part No. - BD65491FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65491FV ROHM-BD65491FV Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV-E2 ROHM-BD65491FV-E2 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV ROHM-BD65491FV_15 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
More results

Similar Description - BD65491FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65499MUV ROHM-BD65499MUV Datasheet
756Kb / 26P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD6376GUL ROHM-BD6376GUL Datasheet
619Kb / 14P
   1-2ch Lens Drivers for SLRs(Single-lens Reflex)
BD6735FV ROHM-BD6735FV_09 Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
BD6373GW ROHM-BD6373GW Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
logo
Shenzhen Huazhimei Semi...
HM8837 HMSEMI-HM8837 Datasheet
572Kb / 9P
   Digital single lens reflex (DSLR) lens
logo
Rohm
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
logo
Rohm
BD6883GUL ROHM-BD6883GUL_12 Datasheet
356Kb / 17P
   System Lens Driver Series for Mobile Phone Cameras Parallel Interface Type Lens Drivers for Voice Coil Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com