Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD65492MUV Datasheet(PDF) 1 Page - Rohm

Part # BD65492MUV
Description  1-2ch Lens Drivers for SLRs (Single-lens Reflex)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD65492MUV Datasheet(HTML) 1 Page - Rohm

  BD65492MUV Datasheet HTML 1Page - Rohm BD65492MUV Datasheet HTML 2Page - Rohm BD65492MUV Datasheet HTML 3Page - Rohm BD65492MUV Datasheet HTML 4Page - Rohm BD65492MUV Datasheet HTML 5Page - Rohm BD65492MUV Datasheet HTML 6Page - Rohm BD65492MUV Datasheet HTML 7Page - Rohm BD65492MUV Datasheet HTML 8Page - Rohm BD65492MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2011.02 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
System Lens Drivers for Digital Cameras/SLRs (Single-lens Reflex)
1-2ch Lens Drivers for SLRs
(Single-lens Reflex)
BD65491FV,BD65492MUV
Description
The BD65491FV motor driver provides 1 Full-ON Drive H-bridge channel, while BD65492MUV provides 2 Full-ON Drive
H-bridge channels. These lens driver series feature wide range operating from 1.8V and low power consumption by high
switching speed in a compact surface mount package.
Features
1) Low ON-Resistance Power DMOS output:
Full-ON Drive block with 0.35Ω Typ. (BD65491FV)
Full-ON Drive block with0.9Ω Typ. (BD65492MUV)
2) Range of motor power supply voltage: 1.8V to 16.0V
3) Charge pump-less type with p-channel DMOS for the upper side transistor
4) The highest performance in regard to switching speed, and 4-values selection
Turn On Time: 150ns (BD65491FV), 200ns (BD65492MUV)
Turn Off Time: 50ns(BD65491FV),
80ns(BD65492MUV)
5) Drive mode switch function
6) Maximum output current for H-bridge:
DC maximum 1.2A (BD65491FV), 1.0A (BD65492MUV)
Peak maximum 4.0A (BD65491FV)
7) Control input pins corresponding to the signal of 1.8V system
8) Built-in UVLO (Under Voltage Lockout Protection) function and TSD (Thermal Shut Down) circuit
9) Standby current: 0μA Typ.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
BD65491FV
BD65492MUV
Power supply voltage
VCC
-0.5~+7.0
-0.5~+7.0
V
Motor power supply voltage
VM
-0.5~+20.0
-0.5~+20.0
V
Control input voltage
VIN
-0.5~VCC+0.5
-0.5~VCC+0.5
V
Power dissipation
Pd
870
*1
700
*2
mW
2200
*3
mW
3560
*4
mW
Junction temperature
Tjmax
+150
+150
Storage temperature range
Tstg
-55~+150
-55~+150
H-bridge output current (DC)
Iout
-1200~+1200
*5
-1000~+1000
*5
mA/ch
H-bridge output current (Peak
*6)
-3200~+3200
*6
mA/ch
H-bridge output current (Peak
*7)
-4000~+4000
*7
mA/ch
*1 Reduced by 6.96mW/℃ over 25℃, when mounted on a glass epoxy board (70mm
 70mm  1.6mm)
*2 Reduced by 5.6mW/℃ over 25℃, when mounted on a glass epoxy 1-layer board (74.2mm
 74.2mm  1.6mm).
In surface layer copper foil area: 10.29mm
2.
*3 Reduced by 17.6mW/℃ over 25℃, when mounted on a glass epoxy 4-layers board (74.2mm
 74.2mm  1.6mm).
In surface & the back layers copper foil area: 10.29mm2, in 2&3-layers copper foil area: 5505mm
2.
*4 Reduced by 28.4mW/℃ over 25℃, when mounted on a glass epoxy 4-layers board (74.2mm
 74.2mm  1.6mm).
In all 4-layers copper foil area: 5505mm
2.
*5 Must not exceed Pd, ASO, or Tjmax of 150℃.
*6 Peak=100msec (Duty≦20%)
*7 Peak=10msec (Duty≦5%)
No.11014EAT05


Similar Part No. - BD65492MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65492MUV ROHM-BD65492MUV Datasheet
1Mb / 18P
   Dual H-Bridge Driver High-Speed Switching Type
BD65492MUV-E2 ROHM-BD65492MUV-E2 Datasheet
1Mb / 18P
   Dual H-Bridge Driver High-Speed Switching Type
More results

Similar Description - BD65492MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65499MUV ROHM-BD65499MUV Datasheet
756Kb / 26P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD6376GUL ROHM-BD6376GUL Datasheet
619Kb / 14P
   1-2ch Lens Drivers for SLRs(Single-lens Reflex)
BD6735FV ROHM-BD6735FV_09 Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
BD6373GW ROHM-BD6373GW Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
logo
Shenzhen Huazhimei Semi...
HM8837 HMSEMI-HM8837 Datasheet
572Kb / 9P
   Digital single lens reflex (DSLR) lens
logo
Rohm
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
logo
Rohm
BD6883GUL ROHM-BD6883GUL_12 Datasheet
356Kb / 17P
   System Lens Driver Series for Mobile Phone Cameras Parallel Interface Type Lens Drivers for Voice Coil Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com