Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD88215GUL-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD88215GUL-E2
Description  Coupling Capacitorless Headphone Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD88215GUL-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD88215GUL-E2 Datasheet HTML 7Page - Rohm BD88215GUL-E2 Datasheet HTML 8Page - Rohm BD88215GUL-E2 Datasheet HTML 9Page - Rohm BD88215GUL-E2 Datasheet HTML 10Page - Rohm BD88215GUL-E2 Datasheet HTML 11Page - Rohm BD88215GUL-E2 Datasheet HTML 12Page - Rohm BD88215GUL-E2 Datasheet HTML 13Page - Rohm BD88215GUL-E2 Datasheet HTML 14Page - Rohm BD88215GUL-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Technical Note
11/25
BD88200GUL,BD88210GUL,BD88215GUL,BD88220GUL
www.rohm.com
2011.03 – Rev. A
© 2011 ROHM Co., Ltd. All rights reserved.
Block Diagram
Type
Rin
Rfb
BD88200GUL
14kΩ@Typ.
Open
BD88210GUL
14kΩ@Typ.
14kΩ@Typ.
BD88215GUL
14kΩ@Typ.
21kΩ@Typ.
BD88220GUL
14kΩ@Typ.
28kΩ@Typ.
Fig.56 Block Diagram
D2
+
-
SVDD
SVSS
+
-
SVDD
SVSS
SHORT
PROTECTION
TSD
SGND
SGND
UVLO/
SHUTDOWN
CONTROL
C2
Rin
Rfb
Rfb
Rin
C1
A1
B2
B1
D1
CHARGE
PUMP
CLOCK
GENERATOR
SVDD
SVDD
SVDD
D3
SVDD
SVSS
A3
A4
B4
C4
D4
SGND
A2
PVDD
C1P
PGND
C1N
PVSS
SVDD
OUTL
OUTR
SVSS
CHARGE
PUMP
CONTROL
PVDD
1.0μF
R2=Rin
R1=Rfb
R2=Rin
R1=Rfb
COM


Similar Part No. - BD88215GUL-E2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BD882-GR MCC-BD882-GR Datasheet
314Kb / 3P
   Silicon NPN epitaxial planer Transistors
BD882-GR MCC-BD882-GR Datasheet
382Kb / 3P
   Silicon NPN epitaxial planer Transistors
BD882-O MCC-BD882-O Datasheet
314Kb / 3P
   Silicon NPN epitaxial planer Transistors
BD882-O MCC-BD882-O Datasheet
382Kb / 3P
   Silicon NPN epitaxial planer Transistors
BD882-R MCC-BD882-R Datasheet
314Kb / 3P
   Silicon NPN epitaxial planer Transistors
More results

Similar Description - BD88215GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD88400GUL ROHM-BD88400GUL Datasheet
594Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Shenzhen Huazhimei Semi...
HM97220A HMSEMI-HM97220A Datasheet
1Mb / 17P
   Headphone Amplifiers
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3544F ROHM-BH3544F_12 Datasheet
685Kb / 12P
   Standard Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_10 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3544F ROHM-BH3544F_11 Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
STMicroelectronics
TS4601 STMICROELECTRONICS-TS4601 Datasheet
602Kb / 28P
   High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com