Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD88420GUL-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD88420GUL-E2
Description  Coupling Capacitorless Headphone Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD88420GUL-E2 Datasheet(HTML) 4 Page - Rohm

  BD88420GUL-E2 Datasheet HTML 1Page - Rohm BD88420GUL-E2 Datasheet HTML 2Page - Rohm BD88420GUL-E2 Datasheet HTML 3Page - Rohm BD88420GUL-E2 Datasheet HTML 4Page - Rohm BD88420GUL-E2 Datasheet HTML 5Page - Rohm BD88420GUL-E2 Datasheet HTML 6Page - Rohm BD88420GUL-E2 Datasheet HTML 7Page - Rohm BD88420GUL-E2 Datasheet HTML 8Page - Rohm BD88420GUL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Technical Note
4/25
BD88400GUL,BD88410GUL,BD88415GUL,BD88420GUL
www.rohm.com
2011.03 – Rev. A
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves – General Items (Reference data)
Unless otherwise specified, Ta=25℃, SGND=PGND=0V, SHDNLB=SHDNRB=SVDD, C1=C2=2.2µF,
Input coupling capacitor=1µF, RL=No Load
* In BD88400GUL the input resister(Ri)=10kΩ, feedback resister(Rf)=10kΩ.
Fig.1 Standby Current vs.
Supply Voltage
0.1n
1n
10n
100n
1u
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Supply Voltage [V]
SHDNLB=0V
SHDNRB=0V
Fig.3 Stereo Operating
Current vs. Supply voltage
0.0
1.0
2.0
3.0
4.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Supply Voltage [V]
SHDNLB=VDD
SHDNRB=VDD
* This caracteristics has
hysteresis (40mV typ) by
UVLO.
Fig.2 Monaural Operating
Current vs. Supply Voltage
0.0
1.0
2.0
3.0
4.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Supply Voltage [V]
SHDNLB=VDD
SHDNRB=0V
* This caracteristics has
hysteresis (40mV typ) by
UVLO.
Fig.4 Negative Voltage vs.
Supply Voltage
-3
-2.5
-2
-1.5
-1
-0.5
0
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Supply Voltage [V]
SHDNLB=VDD
SHDNRB=VDD
No Load
Fig.8 PSRR vs. Frequency
(VDD=3.3V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
Frequency [Hz]
VDD=3.3V
Ripple = 100mVp-p
BPF
Fig.7 PSRR vs. Frequency
(VDD=2.4V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
Frequency [Hz]
VDD=2.4V
Ripple = 100mVp-p
BPF
Fig.9 PSRR vs. Frequency
(VDD=5.5V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
Frequency [Hz]
VDD=5.5V
Ripple = 100mVp-p
BPF
Fig.10 Crosstalk vs.
Frequency (VDD=2.4V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
Frequency [Hz]
VDD=2.4V
VOUT = 200mVp-p
RL=32Ω
BPF
Fig.11 Crosstalk vs.
Frequency (VDD=3.3V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
Frequency [Hz]
VDD=3.3V
VOUT = 200mVp-p
RL=32Ω
BPF
Fig.12 Crosstalk vs.
Frequency (VDD=5.5V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
Frequency [Hz]
VDD=5.5V
VOUT = 200mVp-p
RL=32Ω
BPF
Fig.5 Setup time vs.
Supply Voltage
0
20
40
60
80
100
120
140
160
180
200
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Supply Voltage [V]
SHDNLB=SHDNRB
=L->H
VSS 90% Setup time
No Load
Fig.6 Maximum power vs.
Supply Voltage
0
20
40
60
80
100
120
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Supply Voltage [V]
THD+N≦-40dB
20kHz LPF
Stereo
RL=16Ω, in phase
RL=16Ω, out of phase
RL=32Ω, out of phase
RL=32Ω, in phase


Similar Part No. - BD88420GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD88400FJ ROHM-BD88400FJ Datasheet
976Kb / 30P
   No Bulky DC-Blocking Capacitors Required
More results

Similar Description - BD88420GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD88200GUL ROHM-BD88200GUL Datasheet
654Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Shenzhen Huazhimei Semi...
HM97220A HMSEMI-HM97220A Datasheet
1Mb / 17P
   Headphone Amplifiers
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3544F ROHM-BH3544F_12 Datasheet
685Kb / 12P
   Standard Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_10 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3544F ROHM-BH3544F_11 Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
STMicroelectronics
TS4601 STMICROELECTRONICS-TS4601 Datasheet
602Kb / 28P
   High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com