Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD91361MUV Datasheet(PDF) 7 Page - Rohm

Part # BD91361MUV
Description  Output 2A More High-efficiency Step-down Switching Regulator with Built-in Power MOS FET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD91361MUV Datasheet(HTML) 7 Page - Rohm

Back Button BD91361MUV Datasheet HTML 3Page - Rohm BD91361MUV Datasheet HTML 4Page - Rohm BD91361MUV Datasheet HTML 5Page - Rohm BD91361MUV Datasheet HTML 6Page - Rohm BD91361MUV Datasheet HTML 7Page - Rohm BD91361MUV Datasheet HTML 8Page - Rohm BD91361MUV Datasheet HTML 9Page - Rohm BD91361MUV Datasheet HTML 10Page - Rohm BD91361MUV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Technical Note
7/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD91361MUV
Operation
BD91361MUV is a synchronous rectifying step-down switching regulator that achieves faster transient response by
employing current mode PWM control system. It utilizes switching operation in PWM (Pulse Width Modulation) mode for
heavier load, while it utilizes SLLM (Simple Light Load Mode) operation for lighter load to improve efficiency.
Synchronous rectifier
It does not require the power to be dissipated by a rectifier externally connected to a conventional DC/DC converter IC,
and its P.N junction shoot-through protection circuit limits the shoot-through current during operation, by which the power
dissipation of the set is reduced.
Current mode PWM control
Synthesizes a PWM control signal with a inductor current feedback loop added to the voltage feedback.
PWM (Pulse Width Modulation) control
The oscillation frequency for PWM is 1 MHz. SET signal form OSC turns ON a highside MOS FET (while a lowside
MOS FET is turned OFF), and an inductor current IL increases. The current comparator (Current Comp) receives two
signals, a current feedback control signal (SENSE: Voltage converted from IL) and a voltage feedback control signal
(FB), and issues a RESET signal if both input signals are identical to each other, and turns OFF the highside MOS FET
(while a lowside MOS FET is turned ON) for the rest of the fixed period. The PWM control repeat this operation.
SLLM
TM (Simple Light Load Mode) control
When the control mode is shifted from PWM for heavier load to the one for lighter load or vise versa, the switching pulse
is designed to turn OFF with the device held operated in normal PWM control loop, which allows linear operation without
voltage drop or deterioration in transient response during the mode switching from light load to heavy load or vise versa.
Although the PWM control loop continues to operate with a SET signal from OSC and a RESET signal from Current
Comp, it is so designed that the RESET signal is held issued if shifted to the light load mode, with which the switching is
tuned OFF and the switching pulses are thinned out under control. Activating the switching intermittently reduces the
switching dissipation and improves the efficiency.
Fig.23 Diagram of current mode PWM control
Fig.24 PWM switching timing chart
Fig.25 SLLM
TM switching timing chart
OSC
Level
Shift
Driver
Logic
RQ
S
IL
SW
ITH
Current
Comp
Gm Amp.
SET
RESET
FB
Load
SENSE
VOUT
VOUT
Current
Comp
SET
RESET
SW
VOUT
PVCC
GND
GND
GND
IL(AVE)
VOUT(AVE)
SENSE
FB
Current
Comp
SET
RESET
SW
VOUT
PVCC
GND
GND
GND
0A
VOUT(AVE)
SENSE
FB
IL
Not switching
IL


Similar Part No. - BD91361MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV ROHM-BD91361MUV Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD91361MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9134MUV ROHM-BD9134MUV Datasheet
438Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9132MUV ROHM-BD9132MUV Datasheet
525Kb / 17P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9141MUV ROHM-BD9141MUV Datasheet
375Kb / 19P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9111NV ROHM-BD9111NV_10 Datasheet
366Kb / 14P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9130EFJ ROHM-BD9130EFJ Datasheet
448Kb / 15P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9111NV ROHM-BD9111NV_09 Datasheet
488Kb / 14P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9130NV ROHM-BD9130NV_09 Datasheet
417Kb / 15P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9134MUV_0909 ROHM-BD9134MUV_0909 Datasheet
433Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9139MUV ROHM-BD9139MUV Datasheet
388Kb / 17P
   Output 2A or More High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com