Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH18PB1WHFV-TR Datasheet(PDF) 7 Page - Rohm

Part # BH18PB1WHFV-TR
Description  1ch 150mA CMOS LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH18PB1WHFV-TR Datasheet(HTML) 7 Page - Rohm

Back Button BH18PB1WHFV-TR Datasheet HTML 3Page - Rohm BH18PB1WHFV-TR Datasheet HTML 4Page - Rohm BH18PB1WHFV-TR Datasheet HTML 5Page - Rohm BH18PB1WHFV-TR Datasheet HTML 6Page - Rohm BH18PB1WHFV-TR Datasheet HTML 7Page - Rohm BH18PB1WHFV-TR Datasheet HTML 8Page - Rohm BH18PB1WHFV-TR Datasheet HTML 9Page - Rohm BH18PB1WHFV-TR Datasheet HTML 10Page - Rohm BH18PB1WHFV-TR Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Technical Note
BH□□PB1WHFV Series
7/10
www.rohm.com
2011.01 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0.01
0.1
1
10
100
0
50
100
150
Output Current Io (mA)
Stable region
Input Output capacitors
It is recommended to insert bypass capacitors between input and GND pins, positioning them as close to the pins as
possible. These capacitors will be used when the power supply impedance increases or when long wiring paths are used, so
they should be checked once the IC has been mounted. Ceramic capacitors generally have temperature and DC bias
characteristics. When selecting ceramic capacitors, use X5R or X7R, or better models that offer good temperature and DC
bias characteristics and high tolerant voltages.
Typical ceramic capacitor characteristics
Output capacitors
Mounting input capacitor between input pin and GND(as close to pin as possible), and also output capacitor between output
pin and GND(as close to pin as possible) is recommended. The input capacitor reduces the output impedance of the voltage
supply source connected to the VCC. The higher value the output capacitor goes the more stable the whole operation
becomes. This leads to high load transient response. Please confirm the whole operation on actual application board.
Generally, ceramic capacitor has wide range of tolerance, temperature coefficient, and DC bias characteristic. And also its value goes
lower as time progresses. Please choose ceramic capacitors after obtaining more detailed data by asking capacitor makers.
0
20
40
60
80
100
120
01
2
3
4
DC bias Vdc (V)
70
75
80
85
90
95
100
0
1
234
DC bias Vdc (V)
0
20
40
60
80
100
120
-25
0
25
50
75
Temp[℃]
10V
rated voltage
50 V rated voltage
16 V rated voltage
10 V
rated voltage
Fig.28 Capacitance vs Bias
(Y5V)
Fig.29 Capacitance vs Bias
(X5R, X7R)
Fig.30 Capacitance vs Temperature
(X5R, X7R, Y5V)
Fig.31 Stable Operation Region (Example)
COUT = 0.47 µF
Ta = +25°C
BH□□PB1WHFV
16 V rated voltage
50 V rated voltage
X7R
X5R
Y5V


Similar Part No. - BH18PB1WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH18PB1WHFV ROHM-BH18PB1WHFV Datasheet
363Kb / 6P
   Auto Power Save CMOS Type series regulator
More results

Similar Description - BH18PB1WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com