Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH25NB1WHFV Datasheet(PDF) 4 Page - Rohm

Part # BH25NB1WHFV
Description  1ch 150mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH25NB1WHFV Datasheet(HTML) 4 Page - Rohm

  BH25NB1WHFV_11 Datasheet HTML 1Page - Rohm BH25NB1WHFV_11 Datasheet HTML 2Page - Rohm BH25NB1WHFV_11 Datasheet HTML 3Page - Rohm BH25NB1WHFV_11 Datasheet HTML 4Page - Rohm BH25NB1WHFV_11 Datasheet HTML 5Page - Rohm BH25NB1WHFV_11 Datasheet HTML 6Page - Rohm BH25NB1WHFV_11 Datasheet HTML 7Page - Rohm BH25NB1WHFV_11 Datasheet HTML 8Page - Rohm BH25NB1WHFV_11 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Technical Note
BH□□NB1WHFV series
4/8
www.rohm.com
2011.01 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
2.40
2.45
2.50
2.55
2.60
-50
-25
0
25
50
75
100
Temp[℃]
2.90
2.95
3.00
3.05
3.10
-50
-25
0
255075
100
Temp[℃]
3.20
3.25
3.30
3.35
3.40
-50
-25
0
25
50
75
100
Temp[℃]
10
20
30
40
50
60
70
80
90
Frequency f[Hz]
100
1 k
10 k
100
1 M
Fig.19 Load Response
(Co = 2.2 µF)
(BH25NB1WHFV)
IOUT = 1 mA → 30 mA
VOUT
50 mV / div
100 µs / div
Fig.20 Load Response
(Co = 2.2 µF)
(BH30NB1WHFV)
IOUT = 1 mA → 30 mA
VOUT
50 mV / div
100 µs / div
Fig.21 Load Response
(Co = 2.2 µF)
(BH33NB1WHFV)
IOUT = 1 mA → 30 mA
VOUT
50 mV / div
100 µs / div
Fig.22 Output Voltage Rise Time
(BH25NB1WHFV)
STBY
VOUT
1 V / div
100 µs / div
1 V / div
Co = 1 µF
Co = 2.2 µF
Co = 10 µF
STBY
VOUT
1 V / div
100 µs / div
1 V / div
Co = 1 µF
Co = 2.2 µF
Co = 10 µF
Fig.23 Output Voltage Rise Time
(BH30NB1WHFV)
Fig.24 Output Voltage Rise Time
(BH33NB1WHFV)
STBY
VOUT
1 V / div
100 µs / div
1 V / div
Co = 1 µF
Co = 2.2 µF
Co = 10 µF
Fig.13 Output Voltage vs Temperature
(BH25NB1WHFV)
Fig.14 Output Voltage vs Temperature
(BH30NB1WHFV)
Fig.15 Output Voltage vs Temperature
(BH33NB1WHFV)
Fig.16 Ripple Rejection
(BH25NB1WHFV)
Fig.17 Ripple Rejection
(BH30NB1WHFV)
Fig.18 Ripple Rejection
(BH33NB1WHFV)
IOUT=1mA
IOUT=1mA
Co=2.2μF
Io=10mA
IOUT=1mA
10
20
30
40
50
60
70
80
90
Frequency f[Hz]
100
1 k
10 k
100
1 M
Co=2.2μF
Io=10mA
10
20
30
40
50
60
70
80
90
Frequency f[Hz]
100
1 k
10 k
100
1 M
Co=2.2μF
Io=10mA


Similar Part No. - BH25NB1WHFV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV Datasheet
326Kb / 6P
   CMOS Type series regulator
More results

Similar Description - BH25NB1WHFV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com