Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH31PB1WHFV-TR Datasheet(PDF) 1 Page - Rohm

Part # BH31PB1WHFV-TR
Description  1ch 150mA CMOS LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH31PB1WHFV-TR Datasheet(HTML) 1 Page - Rohm

  BH31PB1WHFV-TR Datasheet HTML 1Page - Rohm BH31PB1WHFV-TR Datasheet HTML 2Page - Rohm BH31PB1WHFV-TR Datasheet HTML 3Page - Rohm BH31PB1WHFV-TR Datasheet HTML 4Page - Rohm BH31PB1WHFV-TR Datasheet HTML 5Page - Rohm BH31PB1WHFV-TR Datasheet HTML 6Page - Rohm BH31PB1WHFV-TR Datasheet HTML 7Page - Rohm BH31PB1WHFV-TR Datasheet HTML 8Page - Rohm BH31PB1WHFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/10
www.rohm.com
2011.01 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
CMOS LDO Regulators for Portable Equipments
1ch 150mA
CMOS LDO Regulators
BH□□PB1WHFV Series
Description
The BH□□PB1WHFV regulator series can respond to changes in output current by switching to a state in which regulator
characteristics are ideal. The regulators cut power consumption by lowering their own current consumption to approximately
2
A when the application is operating in the standby state. During normal-current operation it will automatically switch to
high-speed operating mode. The IC's soft start function reduce the rush current that flows to the output capacitors during
startup. The HVSOF5 package, which features excellent heat dissipation, contributes to space-saving application designs.
Features
1) Automatic switching between low-consumption and high-speed modes
2) Built-in rush current prevention circuit
3) Low-voltage 1.7 V operation
4) High accuracy output voltage: ± 1%
5) Circuit current during low-consumption operation: 2
A
6) Stable with a ceramic capacitor (0.47 µF)
7) Built-in temperature and overcurrent protection circuits
8) Built-in output discharge during standby operation function
9) Ultra-small HVSOF5 power package
Applications
Battery-driven portable devices, etc.
Product lineup
150 mA BH□□PB1WHFV Series
Product name
1.2
1.5
1.8
2.5
2.8
2.9
3.0
3.1
3.3
Package
BH□□PB1WHFV
HVSOF5
Model name: BH□□PB1W□
a
b
Symbol
Description
a
Output voltage specification
□□
Output voltage (V)
□□
Output voltage (V)
12
1.2 V (Typ.)
29
2.9 V (Typ.)
15
1.5 V (Typ.)
30
3.0 V (Typ.)
18
1.8 V (Typ.)
31
3.1 V (Typ.)
25
2.5 V (Typ.)
33
3.3 V (Typ.)
28
2.8 V (Typ.)
b
Package HFV: HVSOF5
No.11020EBT05


Similar Part No. - BH31PB1WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH31PB1WHFV ROHM-BH31PB1WHFV Datasheet
363Kb / 6P
   Auto Power Save CMOS Type series regulator
More results

Similar Description - BH31PB1WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com