Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH29RB1WGUT-E2 Datasheet(PDF) 8 Page - Rohm

Part # BH29RB1WGUT-E2
Description  1ch 150mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH29RB1WGUT-E2 Datasheet(HTML) 8 Page - Rohm

  BH29RB1WGUT-E2 Datasheet HTML 1Page - Rohm BH29RB1WGUT-E2 Datasheet HTML 2Page - Rohm BH29RB1WGUT-E2 Datasheet HTML 3Page - Rohm BH29RB1WGUT-E2 Datasheet HTML 4Page - Rohm BH29RB1WGUT-E2 Datasheet HTML 5Page - Rohm BH29RB1WGUT-E2 Datasheet HTML 6Page - Rohm BH29RB1WGUT-E2 Datasheet HTML 7Page - Rohm BH29RB1WGUT-E2 Datasheet HTML 8Page - Rohm BH29RB1WGUT-E2 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BH□□RB1WGUT series
Technical Note
8/8
www.rohm.com
2011.01 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
H
1
5
R
B
1
W
G U
T
-
E
2
Part No.
Output voltage
15: 1.5 V
18: 1.8 V
25: 2.5 V
28: 2.8 V
29: 2.9 V
30: 3.0 V
31: 3.1 V
33: 3.3 V
Series
RB1 : High ripple
rejection
Shutdown
switch
W : Includes
switch
Package
GUT: VCSP60N1
Packaging and forming specification
E2: Embossed tape and reel
Tape
Quantity
Direction
of feed
Embossed carrier tape
3000pcs
E2
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand.)
<Tape and Reel information>
Reel
1Pin
1234
1234
1234
1234
1234
1234
(Unit:mm)
VCSP60N1
Direction of feed
When you order , please order in times the amount of package quantity.
1Pin MARK
A
B
S
B
A
0.05
S
0.08
0.5
0.25
±0.1
1.00
±0.1
4-
φ0.3±0.05
A
12
B


Similar Part No. - BH29RB1WGUT-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH29RB1WGUT ROHM-BH29RB1WGUT Datasheet
342Kb / 6P
   CMOS Type series regulator
More results

Similar Description - BH29RB1WGUT-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com