Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH29NB1WHFWHFV-TR Datasheet(PDF) 2 Page - Rohm

Part # BH29NB1WHFWHFV-TR
Description  1ch 150mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH29NB1WHFWHFV-TR Datasheet(HTML) 2 Page - Rohm

  BH29NB1WHFWHFV-TR Datasheet HTML 1Page - Rohm BH29NB1WHFWHFV-TR Datasheet HTML 2Page - Rohm BH29NB1WHFWHFV-TR Datasheet HTML 3Page - Rohm BH29NB1WHFWHFV-TR Datasheet HTML 4Page - Rohm BH29NB1WHFWHFV-TR Datasheet HTML 5Page - Rohm BH29NB1WHFWHFV-TR Datasheet HTML 6Page - Rohm BH29NB1WHFWHFV-TR Datasheet HTML 7Page - Rohm BH29NB1WHFWHFV-TR Datasheet HTML 8Page - Rohm BH29NB1WHFWHFV-TR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical Note
BH□□NB1WHFV series
2/8
www.rohm.com
2011.01 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings
Parameter
Symbol
Ratings
Unit
Applied power supply voltage
VMAX
−0.3 to +6.0
V
Power dissipation
Pd
410 *1
mW
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
Tstg
−55 to +125
°C
*1: Reduce by 4.1 mW/
C over 25C, when mounted on a glass epoxy PCB (70 mm  70 mm  1.6 mm).
Recommended operating ranges (not to exceed Pd)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VIN
2.5 to 5.5
V
Output current
IOUT
0 to 150
mA
Recommended operating conditions
Parameter
Symbol
Ratings
Unit
Conditions
Min.
Typ.
Max.
Input capacitor
CIN
0.1 *2
µF
The use of ceramic
capacitors is recommended.
Output capacitor
CO
2.2 *2
µF
The use of ceramic
capacitors is recommended.
*2 Make sure that the output capacitor value is not kept lower than this specified level across a variety of temperature, DC bias characteristic.
And also make sure that the capacitor value cannot change as time progresses.
Electrical characteristics
(Unless otherwise specified, Ta = 25°C, VIN = VOUT + 1.0 V, STBY = 1.5 V, CIN = 0.1 µF, CO = 2.2 µF)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output voltage
VOUT
VOUT
0.99
VOUT
VOUT
1.01
V
IOUT = 1 mA
Circuit current
IGND
60
100
µA
IOUT = 50 mA
Circuit current (STBY)
ISTBY
1.0
µA
STBY = 0 V
Ripple rejection ratio
RR
80
dB
VRR = −20 dBv, fRR = 1 kz,
IOUT = 10 mA
Load response 1
LTV1
25
mV
IOUT = 1 mA to 30 mA
Load response 2
LTV2
25
mV
IOUT = 30 mA to 1 mA
Dropout voltage 1
VSAT1
80
150
mV
VIN = 0.98
 VOUT,
IOUT = 30 mA
Dropout voltage 2
VSAT2
250
450
mV
VIN = 0.98
 VOUT,
IOUT = 100 mA
Line regulation
VDL1
1
20
mV
VIN = VOUT + 0.5 V to 5.5 V,
IOUT = 50 mA
Load regulation 1
VDLO1
6
30
mV
IOUT = 1 mA to 100 mA
Load regulation 2
VDLO2
9
90
mV
IOUT = 1 mA to 150 mA
Overcurrent protection
limit current
ILMAX
250
mA
VO = VOUT
 0.98
Short current
ISHORT
50
mA
VO = 0 V
STBY pull-down resistance
RSTB
275
550
1100
STBY control voltage
ON
VSTBH
1.5
VIN
V
OFF
VSTBL
−0.3
0.3
V
* This IC is not designed to be radiation-resistant.


Similar Part No. - BH29NB1WHFWHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH29NB1WHFV ROHM-BH29NB1WHFV Datasheet
326Kb / 6P
   CMOS Type series regulator
More results

Similar Description - BH29NB1WHFWHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com