Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH2221FV Datasheet(PDF) 7 Page - Rohm

Part # BH2221FV
Description  Standard 8bit 10ch/12ch D/A Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH2221FV Datasheet(HTML) 7 Page - Rohm

  BH2221FV Datasheet HTML 1Page - Rohm BH2221FV Datasheet HTML 2Page - Rohm BH2221FV Datasheet HTML 3Page - Rohm BH2221FV Datasheet HTML 4Page - Rohm BH2221FV Datasheet HTML 5Page - Rohm BH2221FV Datasheet HTML 6Page - Rohm BH2221FV Datasheet HTML 7Page - Rohm BH2221FV Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BH2223FV,BH2221FV
Technical Note
7/7
www.rohm.com
2010.06 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
H
2
2
2
3
F
V
-
E
2
Part No.
Part No.
2223
2221
Package
FV: SSOP-B16
FV: SSOP-B20
Packaging and forming specification
E2: Embossed tape and reel
(Unit : mm)
SSOP-B16
9
8
16
1
0.65
5.0
±0.2
0.22
±0.1
0.15
±0.1
0.1
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SSOP-B20
0.1
11
10
20
1
6.5
± 0.2
0.15
± 0.1
0.22
± 0.1
0.65
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin


Similar Part No. - BH2221FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2221FV ROHM-BH2221FV Datasheet
80Kb / 6P
   8bit 12ch D/A converter
BH2221FV ROHM-BH2221FV Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2221FV ROHM-BH2221FV Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2221FV-E2 ROHM-BH2221FV-E2 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
More results

Similar Description - BH2221FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2221FV ROHM-BH2221FV Datasheet
80Kb / 6P
   8bit 12ch D/A converter
BH2223FV ROHM-BH2223FV Datasheet
88Kb / 6P
   8bit 10ch D/A converter
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
Rohm
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
logo
Mitsubishi Electric Sem...
M62352AGP MITSUBISHI-M62352AGP Datasheet
760Kb / 6P
   8BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Rohm
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com