Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH33RB1WGUT-E2 Datasheet(PDF) 5 Page - Rohm

Part # BH33RB1WGUT-E2
Description  1ch 150mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH33RB1WGUT-E2 Datasheet(HTML) 5 Page - Rohm

  BH33RB1WGUT-E2 Datasheet HTML 1Page - Rohm BH33RB1WGUT-E2 Datasheet HTML 2Page - Rohm BH33RB1WGUT-E2 Datasheet HTML 3Page - Rohm BH33RB1WGUT-E2 Datasheet HTML 4Page - Rohm BH33RB1WGUT-E2 Datasheet HTML 5Page - Rohm BH33RB1WGUT-E2 Datasheet HTML 6Page - Rohm BH33RB1WGUT-E2 Datasheet HTML 7Page - Rohm BH33RB1WGUT-E2 Datasheet HTML 8Page - Rohm BH33RB1WGUT-E2 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BH□□RB1WGUT series
Technical Note
5/8
www.rohm.com
2011.01 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Block Diagram, Recommended Circuit Diagram, and Pin Assignment Diagram
Power Dissipation (Pd)
1.
Power dissipation (Pd)
Power dissipation calculations include output power dissipation characteristics and internal IC power consumption. In
the event that the IC is used in an environment where this power dissipation is exceeded, the attendant rise in the
junction temperature will trigger the thermal shutdown circuit, reducing the current capacity and otherwise degrading the
IC's design performance. Allow for sufficient margins so that this power dissipation is not exceeded during IC operation.
Calculating the maximum internal IC power consumption (PMAX)
PMAX = (VIN - VOUT)
 IOUT (MAX.)
VIN: Input voltage
VOUT: Output voltage
IOUT (MAX): Output current
2.
Power dissipation/power dissipation reduction (Pd)
VCSP60N1
*Circuit design should allow a sufficient margin for the temperature range for PMAX < Pd.
Fig. 25 VCSP60N1 Power Dissipation/Power Dissipation Reduction (Example)
Input Output Capacitors
It is recommended to insert bypass capacitors between input and GND pins, positioning them as close to the pins as
possible. These capacitors are used when the power supply impedance increases or when long wiring paths are used, so
they should be checked once the IC has been mounted. Ceramic capacitors generally have temperature and DC bias
characteristics. Use X5R or X7R ceramic capacitors, which offer good temperature and DC bias characteristics as well as
stable high voltages.
Typical ceramic capacitor characteristics
Pin No.
Symbol
Function
B2
VIN
Power supply input
B1
VOUT
Voltage output
A1
GND
Ground
A2
STBY
Output voltage on/off control
(High: ON, Low: OFF)
0
20
40
60
80
100
120
01
2
34
DC bias Vdc (V)
70
75
80
85
90
95
100
01
2
34
DC bias Vdc (V)
50 V
torelance
16 V torelance
10 V torelance
50 V torelance
16 V torelance
10 V torelance
Fig. 26 Capacitance vs Bias (Y5V)
Fig.27 Capacitance vs Bias
(X5R, X7R)
Fig. 28 Capacitance vs Temperature
(X5R, X7R, Y5V)
Fig. 24
Board: 7 mm
 7 mm  0.8 mm
Material: Glass epoxy PCB
0
0.2
0.4
0.6
0
25
50
75
100
125
Ta[℃]
530 mW
Cin: 1.0 µF
Co: 1.0 µF
TH ERMAL
PROTECTION
O VER CU RRENT
PROTECTION
VO LTAGE
R EFERENCE
C ONTROL
BLOCK
B1
A1
B2
A2
Cin
VOUT
Co
VIN
VIN
GND
VSTBY
VOUT
STBY
A
B
2
1
TOP VIEW (Mark side)
1PIN MARK
BH□□RB1WGUT
0
20
40
60
80
100
120
-25
0
25
50
75
Temp[℃]
Y5V
X7R
X5R


Similar Part No. - BH33RB1WGUT-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH33RB1WGUT ROHM-BH33RB1WGUT Datasheet
342Kb / 6P
   CMOS Type series regulator
More results

Similar Description - BH33RB1WGUT-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com