Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH3548F Datasheet(PDF) 2 Page - Rohm

Part # BH3548F
Description  Standard Headphone Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3548F Datasheet(HTML) 2 Page - Rohm

  BH3548F Datasheet HTML 1Page - Rohm BH3548F Datasheet HTML 2Page - Rohm BH3548F Datasheet HTML 3Page - Rohm BH3548F Datasheet HTML 4Page - Rohm BH3548F Datasheet HTML 5Page - Rohm BH3548F Datasheet HTML 6Page - Rohm BH3548F Datasheet HTML 7Page - Rohm BH3548F Datasheet HTML 8Page - Rohm BH3548F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.rohm.com
2011.04 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Technical Note
2/8
BH3544F,BH3547F,BH3548F
Electrical characteristics (Unless otherwise noted, Ta=25°C,VCC=5V,RL=32Ω,f=1kHz,BW=400~30kHz, VIN =-6dBV)
Parameter
Symbol
Limits(TYP.)
Unit
Conditions
BH3544F
BH3547F
BH3548F
Quiescent current
IQ
7
3.7
6.5
mA
VIN=0Vrms
Mute pin control voltage H
VTMH
1.6<
V
Mute OFF
Mute pin control voltage L
VTML
<0.3
V
Mute ON
Gain
GVC
6
dB
-
Gain difference between
channels
Δ
GVC
0
dB
-
Total harmonic distortion
THD
0.02
0.05
0.02
%
BW=20~20kHz
Rated output 1
PO1
31
46
31
mW
RL=32Ω,THD<0.1%
(BH3544F,BH3548F)
RL=32Ω,THD<0.3%
(BH3547F)
Rated output 2
PO2
62
77
62
mW
RL=16Ω,THD<0.1%
(BH3544F,BH3548F)
RL=16Ω,THD<0.5%
(BH3547F)
Rated output 3
PO3
-
120
mW
RL=8Ω,THD<0.25%
(BH3548F)
Output noise voltage
VNO
-93
dBV
BW=20~20kHz,Rg=0Ω
Channel separation
CS
-90
-87
-90
dB
Rg=0Ω
Mute attenuation
ATT
-80
dB
Rg=0Ω
Ripple rejection
RR
-57
dB
fRR=100Hz,VRR=-20dBV
Input resistance
Rin
90
kΩ
-
Reference data
BH3544F
BH3544F
BH3544F
Fig. 1 Quiescent current vs.
power supply voltage
Fig. 2 in DC current vs.
power supply voltage
Fig. 3 Output voltage vs.
Mute control voltage


Similar Part No. - BH3548F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3548F ROHM-BH3548F Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3548F ROHM-BH3548F Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3548F ROHM-BH3548F Datasheet
685Kb / 12P
   Standard Headphone Amplifiers
BH3548F-E2 ROHM-BH3548F-E2 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3548F-E2 ROHM-BH3548F-E2 Datasheet
685Kb / 12P
   Standard Headphone Amplifiers
More results

Similar Description - BH3548F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3544F ROHM-BH3544F_12 Datasheet
685Kb / 12P
   Standard Headphone Amplifiers
BH3541F ROHM-BH3541F_10 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
logo
Shenzhen Huazhimei Semi...
HM97220A HMSEMI-HM97220A Datasheet
1Mb / 17P
   Headphone Amplifiers
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BD88200GUL ROHM-BD88200GUL Datasheet
654Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Rohm
BD88400GUL ROHM-BD88400GUL Datasheet
594Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com