Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH6172GU Datasheet(PDF) 2 Page - Rohm

Part # BH6172GU
Description  System Regulator with High Efficiency DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6172GU Datasheet(HTML) 2 Page - Rohm

  BH6172GU Datasheet HTML 1Page - Rohm BH6172GU Datasheet HTML 2Page - Rohm BH6172GU Datasheet HTML 3Page - Rohm BH6172GU Datasheet HTML 4Page - Rohm BH6172GU Datasheet HTML 5Page - Rohm BH6172GU Datasheet HTML 6Page - Rohm BH6172GU Datasheet HTML 7Page - Rohm BH6172GU Datasheet HTML 8Page - Rohm BH6172GU Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Note
2/16
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BH6172GU
Recommended Operating Conditions (Ta=25℃)
Parameter
Symbol
Ratings
Unit
VBAT Voltage
VBAT
2.20 ~ 5.50*
2
V
PBAT Voltage
VPBAT
2.20 ~ 5.50*
2
V
VUSB Voltage
VUSB
2.20 ~ 5.50*
2*3
V
DVDD Voltage
VDVDD
1.70 ~ 4.20*
4
V
*2 Whenever the VBAT or PBAT or VUSB voltage is under the LDO, SWREG output voltage,
or else under certain levels, the LDO and SWREG output is not guaranteed to meet its published specifications.
*3 VUSB Power Supply can be externally connected to the VBAT, PBAT Power Supply when necessary.
*4 The DVDD Voltage must be under the Battery Voltage VBAT, PBAT at any times.
Electrical Characteristics (Unless otherwise specified, Ta=25℃, VBAT=PBAT =3.6V, VUSB=5.0V)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Circuit Current
VBAT Circuit Current 1
(OFF)
IQVB1
-
0.4
1
µA
LDO1~5=OFF
SWREG1=OFF
NRST=L
DVDD=0V
VUSB Circuit Current 1
(OFF)
IQUSB1
-
0
1
µA
VBAT Circuit Current 2
(OFF)
IQVB2
-
0.4
1
µA
LDO1~5=OFF
SWREG1=OFF
NRST=L
DVDD=0V
VUSB=VBAT external connection
VBAT Circuit Current 3
(STANDBY)
IQVB3
-
0.7
1.4
µA
LDO1~5=OFF
SWREG1=OFF
NRST=H
DVDD=2.6V
VUSB Circuit Current 2
(STANDBY)
IQUSB2
-
0
1
µA
VBAT Circuit Current 4
(STANDBY)
IQVB4
-
0.7
1.4
µA
LDO1~5=OFF
SWREG1=OFF
NRST=H
DVDD=2.6V
VUSB=VBAT external connection
VBAT Circuit Current 5
(Active)
IQVB5
-
170
300
µA
LDO1~5=ON(no load, initial voltage)
SWREG1=ON(no load, initial voltage)
NRST=H
DVDD=2.6V
VUSB Circuit Current 3
(Active)
IQUSB3
-
35
70
µA
VBAT Circuit Current 6
(Active)
IQVB6
-
200
350
µA
LDO1~5=ON(no load, initial voltage)
SWREG1=ON(no load, initial voltage)
NRST=H
DVDD=2.6V
VUSB=VBAT external connection
This product is not especially designed to be protected from radioactivity.


Similar Part No. - BH6172GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6172GU ROHM-BH6172GU Datasheet
920Kb / 17P
   High-efficiency Power Management IC
BH6172GU-E2 ROHM-BH6172GU-E2 Datasheet
920Kb / 17P
   High-efficiency Power Management IC
BH6172GU1 ROHM-BH6172GU1 Datasheet
539Kb / 19P
   System Regulator with High Efficiency DC/DC Converters
More results

Similar Description - BH6172GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6172GU1 ROHM-BH6172GU1 Datasheet
539Kb / 19P
   System Regulator with High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com