Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5033-12 Datasheet(PDF) 1 Page - Rohm

Part # BP5033-12
Description  Non-Isolated AC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5033-12 Datasheet(HTML) 1 Page - Rohm

  BP5033-12_10 Datasheet HTML 1Page - Rohm BP5033-12_10 Datasheet HTML 2Page - Rohm BP5033-12_10 Datasheet HTML 3Page - Rohm BP5033-12_10 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100VAC Input/12VDC (100mA) Output
Non-Isolated AC/DC Converter
BP5033-12
Data Sheet
Application Circuit
Electrical Characteristics
Absolute Maximum Ratings
Input voltage
Output current
ESD endurance
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vi
Io
Vsurge
Topr
Tstg
170
100
2
−25 to +80
−25 to +105
V
mApk
kV
°C
°C
Unit
∗2
∗2
∗1
Conditions
V
V
mA
V
V
Vp-p
%
DC(80 to 120VAC)
Vi=141V, Io=50mA
Vi=141V
Vi=113 to 170V, Io=50mA
Vi=141V, Io=0 to 50mA
Vi=141V, Io=50mA
Vi=141V, Io=100mA
∗1 Maximum output current varies depending on ambient temperature ; please refer to derating curve.
∗2 Please refer to Load regulation, Conversion efficiency.
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion efficiency
Parameter
Symbol
Typ.
Max.
Min.
Vi
Vo
Io
Vr
Vl
Vp
η
141
12.7
0.02
0.01
0.04
69
170
13.4
100
0.1
0.15
0.15
113
12.0
0
64
Load Regulation
Conversion Efficiency
Surface Temperature Increase
Dimensions (Unit : mm)
External Component Specifications
FUSE: Fuse
Use a quick-acting fuse of 0.5A
Capacitance : 3.3 to 22
µF Rated voltage : 250V or higher
Ripple current is 0.13Arms or above.
Capacitance : 0.1 to 0.22
µF Rated voltage : 250V or higher
Use a film or ceramic capacitor. Evaluate under actual conditions.
C1: Input smoothing
capacitor
C2: Noise reduction
capacitor
Capacitance : 100 to 470
µF Rated voltage : 25V or higher,
ESR is 0.39
Ω max. Ripple current is 0.1Arms above.
Evaluate under actual operating conditions.
C3: Output voltage
smoothing capacitor
In the absolute maximum ratings, the reverse peak voltage should be
400V or higher, the average rectifying current should be 0.5A or higher,
and the peak surge current 20A or greater.
(Full-wave rectification can be used)
D1: Rectifier diode
10 to 22
Ω 1/4W
Determine the ideal value through actual testing.
R1: Noise reduction
resistor
A varistor must be used to protect against lighting surges and static
electricity.
ZNR: Varistor
Pin No.
1
2
3
4
5
6
7
8
9
10
Function
Output terminal Vo(12V)
N.C.
N.C.
N.C.
COMMON
COMMON
N.C.
N.C.
Not used
Input terminal Vi(141VDC)
Please verify operation and characteristics in the customer's circuit before actual usage.
Ensure that the load current does not exceed the maximum rating.
BP5033-12
Be sure to use fuse for safety.
Derating curve
Derating Curve
Operation Range
120
100
80
60
40
20
0
0 10
-30 -20 -10
20
40
30
80
70
60
50
90
Ambient Temperature Ta(
°C)
Please note that pin No.10
side is input.
+12V
Output
Input
100
µF/50V
AC100V
50Hz/60Hz
0.1
µF
C2
FUSE
0.5A
1
10
8 7 6 5 4 3 2
+
+
10
µF/250V
C1
ZNR
220V
R1
10
Ω1/4W
D1
C3
Conversion Efficiency
80
70
60
50
40
30
20
10
0
20 30
10
0
40 50 60 70 80 90 100
Output Current Io(mA)
Load Regulation
14
12
10
8
6
4
2
0
50
0
100
150
200
250
(Vi=141V, Ta=25
°C)
(Vi=141V, Ta=25
°C )
Output Current Io(mA)
Surface Temperature Increase
35
30
25
20
15
10
5
0
20
0
40
60
80
100
(Vi=141V)
Output Current Io(mA)
28.2MAX.
10.5MAX.
4.25MAX.
6.25MAX.
2.54
�9=22.86
1 2 3 4 5
6 7 8
10
0.5
±0.1
P=2.54
±0.2
1.3
±0.2
0.25
±0.05
100VAC Input/12VDC (30mA) Output
Non-Isolated AC/DC Converter
BP5038A
Data Sheet
Absolute Maximum Ratings
Input voltage
Output current
ESD endurance
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vi
Io
Vsurge
Topr
Tstg
170
30
2
−20 to +80
−20 to +85
V
mApk
kV
°C
°C
Unit
∗2
∗2
∗1
Conditions
V
V
mA
V
V
Vp-p
%
DC(80 to 120VAC)
Vi=141V, Io=30mA
Vi=141V
Vi=113 to 170V, Io=30mA
Vi=141V, Io=0 to 30mA
Vi=141V, Io=30mA
Vi=141V, Io=30mA
∗1 Maximum output current varies depending on ambient temperature ; please refer to derating curve.
∗2 Please refer to Load regulation, Conversion efficiency.
Electrical Characteristics
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion efficiency
Parameter
Symbol
Typ.
Max.
Min.
Vi
Vo
Io
Vr
Vl
Vp
η
141
12
0.17
0.19
0.05
50
170
13.0
30
0.3
0.3
0.15
113
11.0
0
40
Load Regulation
Load Regulation
13.0
12.8
12.6
12.4
12.2
12.0
11.8
11.6
11.4
11.2
11.0
5
0
10
15
25
30
20
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Conversion Efficiency
40% Min
−Line
Conversion Efficiency
60
50
40
30
20
10
0
5
0
10
15
25
30
20
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Surface temperature Increase
Surface Temperature Increase
40
30
20
10
0
10
0
5
15
25
20
30
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Switching Frequency
Switching Frequency
140
120
100
80
60
40
20
0
5
0
15
10
20
25
30
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Dimensions (Unit : mm)
Application Circuit
External Component Specifications
FUSE: Fuse
Please make sure to use a fuse of 0.5A
Capacitance : 3.3 to 22
µF
Rated voltage : 250V or higher
Capacitance : 0.1 to 0.22
µF Rated voltage : 250V or higher
Use a film or ceramic capacitor and evaluate characteristics under actual
operating conditions.
C1: Input smoothing
capacitor
C2: Noise reduction
capacitor
Capacitance : 100 to 470
µF Rated voltage : 25V or higher
Impedance is 0.39
Ω max at high frequency range.
Ripple current is 0.1Arms above.
Capacitor impedance affects the output ripple voltage.
C3: Capacitor for Output
voltage smoothing
In the absolute maximum ratings, the reverse surge voltage should be
400V or higher, the average rectifying current should be 0.5A or higher,
and the forward surge current 20A or higher.
D1: Rectifier diode
10 to 22
Ω, 1/4W
Use for terminal voltage noise reduction. Determine the optimal value
through actual testing.
R1: Noise reduction
resistor
A varistor must be used to protect the part against lightning surges and
static electricity.
ZNR: Varistor
Pin No.
1
2
3
4
5
6
Function
Input terminal Vi(141VDC)
Skip
Skip
COMMON
COMMON
Output terminal Vo(12V)
Please verify operation and characteristics in the customer's circuit before actual usage.
Ensure that the load current does not exceed the maximum rating.
BP5038A
Be sure to use fuse for safety.
+12V
Output
Input
100
µF/50V
AC100V
50Hz/60Hz
0.1
µF
C2
FUSE
0.5A
6
1
4 5
+
+
10
µF/200V
C1
ZNR
220V
R1
10
Ω1/4W
D1
1SR35
−400A
C3
18.0MAX.
9.1MAX.
3.0MAX.
6.1MAX.
2.54
�5=12.7
1
4
5
6
0.5
±0.1
P=2.54
±0.2
1.3
±0.2
0.25
±0.05
3.3MAX
Derating Curve
Derating Curve
Operation Range
40
35
30
25
20
15
10
5
0
0 10
-30 -20 -10
20
40
30
80
70
60
50
90
Ambient Temperature Ta(
°C)
1/
1
20
10.01 - Rev.A
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BP5033-12_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5033-12 ROHM-BP5033-12 Datasheet
66Kb / 3P
   AC/DC converter - AC100V input, 12V/100mA output
More results

Similar Description - BP5033-12_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D24 ROHM-BP5034D24_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5038A1 ROHM-BP5038A1_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5045A5 ROHM-BP5045A5_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5048-15 ROHM-BP5048-15_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5075-5 ROHM-BP5075-5_10 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
BP5075-12 ROHM-BP5075-12 Datasheet
541Kb / 3P
   Non-isolated AC / DC Converter
BP5037B15 ROHM-BP5037B15_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5062A5 ROHM-BP5062A5_10 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
BP5068A ROHM-BP5068A_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5055-12 ROHM-BP5055-12 Datasheet
481Kb / 3P
   Non-isolated AC/DC converter
BP5048-24 ROHM-BP5048-24_10 Datasheet
1,021Kb / 4P
   Non-Isolated AC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com