Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5039A Datasheet(PDF) 1 Page - Rohm

Part # BP5039A
Description  Non-Isolated AC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5039A Datasheet(HTML) 1 Page - Rohm

  BP5039A Datasheet HTML 1Page - Rohm BP5039A Datasheet HTML 2Page - Rohm BP5039A Datasheet HTML 3Page - Rohm BP5039A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100VAC Input/5VDC (100mA) Output
Non-Isolated AC/DC Converter
BP5034D5
Data Sheet
Absolute Maximum Ratings
Input voltage
Output current
ESD endurance
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vi
Io
Vsurge
Topr
Tstg
195
100
2
−20 to +80
−25 to +85
V
mApk
kV
°C
°C
Unit
∗2
∗2
∗1
Conditions
V
V
mA
V
V
Vp-p
%
DC(80 to 138VAC)
Vi=141V, Io=50mA
Vi=141V
Vi=113 to 195V, Io=50mA
Vi=141V, Io=0 to 50mA
Vi=141V, Io=50mA
Vi=141V, Io=100mA
∗1 Maximum output current varies depending on ambient temperature ; please refer to derating curve.
∗2 Please refer to Load regulation, Conversion efficiency.
Electrical Characteristics
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion efficiency
Parameter
Symbol
Typ.
Max.
Min.
Vi
Vo
Io
Vr
Vl
Vp
η
141
5.0
0.02
0.05
0.05
56
195
5.3
100
0.1
0.15
0.15
113
4.7
0
48
Load Regulation
Load Regulation
5.3
5.2
5.1
5.0
4.9
4.8
4.7
20
0
40
60
80
100
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Conversion Efficiency
48% Min
−Line
Conversion Efficiency
60
50
40
30
20
10
0
20
0
40
60
80
100
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Surface Temperature Increase
Surface Temperature Increase
25
20
15
10
5
0
40
0
20
60
80
100
120
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Switching Frequency
Switching Frequency
50
40
30
20
10
0
20
0
40
60
80
100
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Derating Curve
Derating Curve
Operation Range
120
100
80
60
40
20
0
0 10
-30 -20 -10
20
40
30
80
70
60
50
90
Ambient Temperature Ta(
°C)
Dimensions (Unit : mm)
Application Circuit
External Component Specifications
FUSE: Fuse
Use a quick-acting fuse of 0.5A
Capacitance : 3.3 to 22
µF
Rated voltage : 250V or higher
Capacitance : 0.1 to 0.22
µF Rated voltage : 250V or higher
Use a film or ceramic capacitor.
Evaluate under actual operating conditions.
C1: Input smoothing
capacitor
C2: Noise reduction
capacitor
Capacitance : 100 to 470
µF
Rated voltage : 25V or higher, low impedance
Impedance is 0.39
Ω max at high frequencies
Ripple current is 0.1Arms or above.
Capacitor impedance affects the output ripple voltage.
C3: Output smoothing
capacitor
In the absolute maximum ratings, the reverse surge voltage should be
400V or higher, the average rectifying current should be 0.5A or higher,
and the forward surge current should be 20A or higher.
D1: Rectifier diode
10 to 22
Ω, 1/4W
The ideal value should be determined through actual testing.
R1: Noise reduction
resistor
A varistor must be used to protect against lightning surges and
static electricity.
ZNR: Varistor
Pin No.
1
2
3
4
5
6
7
8
9
10
Function
Output terminal Vo(5V)
N.C.
N.C.
N.C.
COMMON
COMMON
N.C.
N.C.
Skipping pin
Input terminal Vi(141VDC)
Please verify operation and characteristics in the customer's circuit before actual usage.
Ensure that the load current does not exceed the maximum rating.
BP5034D5
Please note that pin No.10
side is input.
Be sure to use fuse for safety.
+5V
Output
Input
100
µF/50V
AC100V
50Hz/60Hz
0.1
µF
C2
FUSE
0.5A
1
10
8 7 6 5 4 3 2
+
+
10
µF/250V
C1
ZNR
220V
R1
10
Ω1/4W
D1
1SR35
−400A
C3
28.2MAX.
10.0MAX.
3.5MAX.
6.5MAX.
2.54
�9=22.86
1
2 3
4 5
6 7
8
10
0.5
±0.1
P=2.54
±0.2
1.3
±0.2
0.25
± 0.05
3.25MAX
100VAC Input/24VDC (200mA) Output
Non-Isolated AC/DC Converter
BP5039A
Data Sheet
Absolute Maximum Ratings
Input voltage
Maximum output current
ESD endurance
Maximum surface temperature
Operating Temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vcc
IoMAX
Vsurge
TcMAX
Topr
Tstg
170
200
2
105
−20 to +80
−25 to +105
V
mApk
kV
°C
°C
°C
Load Regulation
Load Regulation
30
25
20
15
10
5
0
0
50
100
150
200
250
300
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Conversion Efficiency
Conversion Efficiency
100
90
80
70
60
50
40
30
20
10
0
0
50
150
100
200
(Ta=31
°C, Vi=141V)
Output Current Io(mA)
Surface Temperature Increase
Surface Temperature Increase
40
35
30
25
20
15
10
5
0
50
0
150
250
100
200
(Ta=315
°C, Vi=141V)
Output Current Io(mA)
Dimensions (Unit : mm)
Application Circuit
External Component Specifications
FUSE: FUSE
Use a quick-acting fuse of (1A)
above 250V, 22 to 820
µF
Ripple current 0.13Arms or above
above 250V, 0.1 to 0.22
µF
Use a film or ceramic capacitor
Evaluate under actual operating conditions.
C1: Input capacitor
C3: Noise reduction
capacitor
above 25V, 100 to 470
µF low impedance
ESR : 0.4
Ω Max.
Ripple current 0.25Arms or above
Capacitor impedance affects the output ripple voltage.
C2: Output capacitor
Inductance : 1.5mH Rating current : above 0.4A
L1: Power Inductor
In the absolute maximum ratings, the reverse surge voltage should be
400V or above the average rectifier current should be 1A or greater,
and the forward surge current should be 20A or more.
D1: Rectifier diode
10 to 22
Ω 1/4W
Determine the ideal value through actual testing.
R1: Noise reduction resistor
ZNR: Varistor
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
Function
Output terminal Vo(24V)
Not used
Choke coil connect
Not used
Choke coil connect
Not used
COMMON
Not used
Not used
N.C.
Not used
Input terminal Vi(141VDC)
Please verify operation and characteristics in the customer's circuit before actual usage.
Ensure that the load current does not exceed the maximum rating.
BP5039A
Be sure to use fuse for safety.
DC motor
Vo
C3
FUSE
12 10 7 5 3 1
+
C1
ZNR
R1
D1
Vi
Ii
C2
L1
35.0MAX.
2.54
�11=27.94
1
3
5
7
10
12
0.5
±0.1
5.08
1.3
±0.2
7.62
3.6MAX.
+
Io
9.1MAX.
4.85MAX.
4.25MAX.
0.25
±0.05
Unit
Conditions
V
V
mA
V
V
Vp-p
%
mA
mA
DC (80 to 120VAC)
Vi=141V, Io=100mA
Vi=141V
Vi=113 to 170V, Io=100mA
Vi=141V, Io=0 to 100mA
Vi=141V, Io=100mA
Vi=141V, Io=200mA
Vi=170V, Output short, Ta=25
°C
Vi=170V, Output short, Ta=80
°C
Electrical Characteristics
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion efficiency
Output current at
overcurrent
Parameter
Symbol
Typ.
Max.
Min.
Vi
Vo
Io
Vr
Vl
Vp
η
Io1
Io2
141
24
0.30
0.25
0.07
82
245
220
170
26
200
0.50
0.50
113
22
0
−0.50
−0.50
70
200
150
∗2
∗2
∗1
∗1 Maximum output current varies depending on ambient temperature ; please refer to derating curve.
∗2 Please refer to Load regulation, Conversion efficiency.
Derating Curve
Derating Curve
Operation Range
250
200
150
100
50
0
0 10
-20 -10
-30
20
40
30
80
70
60
50
90
Ambient Temperature Ta(
°C)
A varistor must be used to protect against lightning surges and
static electricity.
1/
1
20
10.01 - Rev.A
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BP5039A

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5039A ROHM-BP5039A Datasheet
92Kb / 8P
   AC / DC converter
BP5039A ROHM-BP5039A Datasheet
37Kb / 3P
   AC/DC converter - AC100V input, 24V/200mA output
More results

Similar Description - BP5039A

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D24 ROHM-BP5034D24_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5038A1 ROHM-BP5038A1_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5045A5 ROHM-BP5045A5_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5048-15 ROHM-BP5048-15_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5075-5 ROHM-BP5075-5_10 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
BP5075-12 ROHM-BP5075-12 Datasheet
541Kb / 3P
   Non-isolated AC / DC Converter
BP5037B15 ROHM-BP5037B15_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5062A5 ROHM-BP5062A5_10 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
BP5068A ROHM-BP5068A_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5055-12 ROHM-BP5055-12 Datasheet
481Kb / 3P
   Non-isolated AC/DC converter
BP5048-24 ROHM-BP5048-24_10 Datasheet
1,021Kb / 4P
   Non-Isolated AC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com