Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5053-12 Datasheet(PDF) 1 Page - Rohm

Part # BP5053-12
Description  Non-Isolated AC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5053-12 Datasheet(HTML) 1 Page - Rohm

  BP5053-12_10 Datasheet HTML 1Page - Rohm BP5053-12_10 Datasheet HTML 2Page - Rohm BP5053-12_10 Datasheet HTML 3Page - Rohm BP5053-12_10 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
220VAC Input/
−12VDC (250mA) Output
Non-Isolated AC/DC Converter
BP5055-12
Data Sheet
External Component Specifications
FUSE: fuse
Use a quick-acting fuse (1A)
above 450V, 22 to 100
µF
Ripple current 0.7Arms or greater
C1, C2: Input capacitor
C3: Output capacitor
above 30V, 220 to 1000
µF, low impedance
ESR:0.18
Ω Max.
Ripple current 0.65Arms or higher
Capacitor impedance affects the output ripple voltage.
Above 600V, 0.1 to 0.22
µF
Film or ceramic capacitor. Evaluate under actual operating conditions.
C4: Noise reduction
capacitor
Inductance:1.0mH, Rating current: above 0.74A
Select components that do not easily get magnetically saturated at high temperature.
Recommended part : C13-FR 1.0mH (MITSUMI)
L1: Power inductor
10 to 22
Ω, 1W
Determine the ideal value through actual testing.
R1: Noise reduction resistor
A varistor is required to protect against lightning surges and static electricity.
ZNR: Varistor
Use a rectifying diode with a peak reverse voltage of 1kV or higher, an average rectification current of 1A or larger and a peak surge
current of 20A or larger. When using a large capacitance input capacitor, select a component that endures the is strong
against inrush current during power up. Full-wave rectification can be used.
D2: Rectifier diode
Above 1000V, current: above 1.0A
Fast recovery diode
Please note that both the switching and efficiency characteristics of the module are affected by this diode.
Recommended products: UF4007 (VISHAY)
D1: Flywheel diode
Absolute Maximum Ratings
Input voltage
Operating temperature range
Storage temperature range
Case temperature
Output current
Parameter
Symbol
Limits
Unit
Conditions
Vi
Topr
Tstg
Tcmax
Iomax 1
V
mA
DC
Refer to derating curve
Ambient temperature +
the module self-heating Tcmax
PEAK value of current (Vi= to
−420V)
Iomax 2
mA
PEAK value of current (Vi=
−420 to−600V)
Unit
Conditions
V
V
mA
mA
V
V
Vp-p
%
Electrical Characteristics
Input voltage range
Output voltage
Output current1
Output current2
Line regulation
Load regulation
Output ripple voltage
Conversion efficiency
Parameter
Symbol
Typ.
Max.
Min.
Conversion Efficiency
Dimensions (Unit : mm)
Derating Curve
Application Circuit
BP5055-12
Surface Temperature Increase
Load Regulation
Pin No.
1
2
3
4
5
6
7
8
9
10
Function
Input terminal : Vi(-311VDC)
Skip
Skip
COMMON
Skip
Power inductor terminal
Skip
Power inductor terminal
Skip
Output terminal : Vo(-12.7VDC)
Be sure to use fuse for safety.
C
C
C
(Unless otherwise specified Ta=25
°C, Vi=−311V, IO=250mA)
Please verify operation and characteristics in the customer's circuit before actual usage.
Ensure that the load current does not exceed the maximum rating.
lo1
lo2
−600
−20 to 80
−25 to 105
105
250
130
−240 −311
−600
−12.7
0.07
0.05
0.08
77
−13.4
250
130
0.25
0.20
0.20
−12.0
70
Vi=
−240V to −420V
Vi=
−420V to −600V
Vi=
−240V to −600V lo=130mA
lo=0 to 250mA
10
1
4
6
8
C3
D1
L1
Vo
+
A
V
FUSE
C1
R1
D2
ZNR
C4
Vi
~
+
C2
+
9.9MAX.
28.2MAX.
2.54x9=22.86TYP.
3.25MAX.
4.35MAX.
5.55MAX.
0.25 0.05
+
0.5 0.1
+
1.3 0.2
+
P=5.08 0.2
+
Derating Curve
300
250
200
150
100
50
0
0 10
-20 -10
20
40
30
80
70
60
50
90
0
10
20
30
40
50
60
70
80
90
100
50
0
100
150
200
250
Output Current Io(mA)
−11.5
−200 −250 −300 −350 −400 −450 −500 −550 −600 −650
−11.7
−11.9
−12.1
−12.3
−12.5
−12.7
−12.9
−13.1
−13.3
−13.5
Input Voltage Vi(V)
40
35
30
25
20
15
10
5
0
100
50
0
250
200
150
Output Current Io(mA)
Ambient Temperature Ta( C)
Conversion Efficiency
(Ta=25 C, Vi=-311V)
Vi=
−240V to −420V
Vi=
−420V to −600V
Surface Temperature Increase
220VAC Input/
−12VDC (250mA) Output
Non-Isolated AC/DC Converter
BP5053-12
Data Sheet
Marking Side
10.1MAX.
28.2MAX.
3.25MAX.
5.55MAX.
4.55MAX.
0.25 0.05
+
0.5 0.1
+
1.3 0.2
+
P=5.08 0.2
+
Absolute Maximum Ratings
Input voltage
Operating temperature range
Storage temperature range
Allowable maximum
surface temperature
Maximum Output current
Parameter
Symbol
Limits
Unit
Conditions
Vi
Topr
Tstg
Tcmax
Io
V
mA
DC
Refer to derating curve
Ambient temperature +
the module self-heating Tcmax
PEAK value of current
Unit
Conditions
V
V
mA
V
V
Vp-p
%
Electrical Characteristics
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion efficiency
Parameter
Symbol
Typ.
Max.
Min.
Conversion Efficiency
Dimensions (Unit : mm)
Derating Curve
Application Circuit
BP5053-12
Surface Temperature Increase
Load Regulation
Derating Curve
300
250
200
150
100
50
0
0 10
-30 -20 -10
20
40
30
80
70
60
50
90
Conversion Efficiency
0
10
20
30
40
50
60
70
80
90
50
0
100
150
200
250
(Ta=25 C, Vi=-311V)
Output Current Io(mA)
Load Regulation
14.00
12.00
10.00
8.00
6.00
4.00
2.00
0
50
0
100 150
250
200
300 350 400
(Ta=25 C, Vi=-311V)
Output Current Io(mA)
Surface Temperature Increase
40
35
30
25
20
15
10
5
0
100
50
0
250
200
150
(Ta=25 C, Vi=-311V)
Output Current Io(mA)
Pin No.
1
2
3
4
5
6
7
8
9
10
Function
Input terminal : Vi(-311VDC)
Skip
Skip
COMMON
Skip
Power inductor terminal
Skip
Power inductor terminal
Skip
Output terminal : Vo(-12.7VDC)
Be sure to use fuse for safety.
10
1
4
6
8
Ambient Temperature Ta( C)
C
C
C
Unless otherwise specified Ta=25
°C, Vi=311V, IO=250mA
C2
D1
L1
Vo
+
A
V
FUSE
C1
R1
D2
ZNR
C3
Vi
~
+
Please verify operation and characteristics in the customer's circuit before actual usage.
Ensure that the load current does not exceed the maximum rating.
External Component Specifications
FUSE: fuse
Use a quick-acting fuse (1.0A)
or greater
or higher.
Capacitor impedance
film or ceramic capacitor
C1: Input capacitor
C2: Output capacitor
C3: Noise removal capacitor
Use a rectifying diode with a peak reverse voltage of 800V or higher, an average rectification current of 1A or large and a
peak surge current of 20A or large.When using a large capacitance input capacitor, select a component that is strong against
inrush current at power up. Full-wave rectification can be used.
D2: Rectifier diode
Above 600V, current : above 2.0A, Fast recovery diode
Please note that both the switching and efficiency characteristics of the module are affected by this diode.
Recommended part : CMF01 (Toshiba)
D1: Flywheel diode
R1: Noise reduction resistor
A varistor is required to protect against lightning surges and static electricity.
ZNR: Varistor
Inductance : 1.0mH, Rating current:above 0.74A
Select components that do not easily get magnetically saturated at high temperature.
Recommended part : C13FR (MITSUMI)
Evaluate under actual operating conditions.
Determine the ideal value through actual testing.
L1: Power inductor
Operation Range
1/
1
20
10.01 - Rev.A
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BP5053-12_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5053-12 ROHM-BP5053-12 Datasheet
576Kb / 3P
   Non-isolated AC/DC converter
More results

Similar Description - BP5053-12_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D24 ROHM-BP5034D24_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5038A1 ROHM-BP5038A1_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5045A5 ROHM-BP5045A5_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5048-15 ROHM-BP5048-15_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5075-5 ROHM-BP5075-5_10 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
BP5075-12 ROHM-BP5075-12 Datasheet
541Kb / 3P
   Non-isolated AC / DC Converter
BP5037B15 ROHM-BP5037B15_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5062A5 ROHM-BP5062A5_10 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
BP5068A ROHM-BP5068A_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5055-12 ROHM-BP5055-12 Datasheet
481Kb / 3P
   Non-isolated AC/DC converter
BP5048-24 ROHM-BP5048-24_10 Datasheet
1,021Kb / 4P
   Non-Isolated AC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com