Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1U10X Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1U10X
Description  Compact, Surface Mount and Reflow Soldering Type IR Detecting Unit for Remote Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1U10X Datasheet(HTML) 3 Page - Sharp Corporation

  GP1U10X Datasheet HTML 1Page - Sharp Corporation GP1U10X Datasheet HTML 2Page - Sharp Corporation GP1U10X Datasheet HTML 3Page - Sharp Corporation GP1U10X Datasheet HTML 4Page - Sharp Corporation GP1U10X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
20cm
10k
+ 5V
Vout
Vout
φ
φ
Performance
Using the transmitter shown in Fig. 1, the output signal of the light detecting unit is good enough to meet the following items in the standard optical system in Fig. 2.
(1) Linear reception distance characteristics
When L=0.2 to 8 m, Ee < 10 lx and
φ =0˚ in Fig. 2, the output signal
shall meet the electrical characteristics in the attached list.
(2) Sensitivity angle reception distance characteristics
When L=0.2 to 6 m, Ee < 10 lx and
φ =30˚ in Fig. 2, the output signal
shall meet the electrical characteristics in the attached list.
(3) Anti outer peripheral light reception distance characteristics
When L=0.2 to 4 m, Ee <= 300 lx and
φ =0˚ in Fig. 2, the output signal
shall meet the electrical characteristics in the attached list.
*5 It refers to detector face illuminance.
*6 Outer peripheral light source: CIE standard light source A shall be used and placed at 45 ˚ from perpendicular axis at the detector face center.
Oscilloscope
fO=*4
Duty 50%
Fig. 1 Transmitter
Fig. 2 Standard optical system
(
φ indicates horizontal and vertical directions.)
Light detector face illuminance : Ee
Reception distance : L
Transmitter
*5
*5
*6
Transmitter (GL521 used)
In the above figure, the transmitter should be set so that the output V
can be 52mV
.
However, the PD49PI to be used here should be of the short-circuit current I
=2.6
µ A at E =100 lx.
(E is an illuminance by CIE standard light source A (tungsten lamp).)
out
P - P
V
SC
V
GP1U10X Series
s


Similar Part No. - GP1U10X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U260X SHARP-GP1U260X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U261X SHARP-GP1U261X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U262X SHARP-GP1U262X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U263X SHARP-GP1U263X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U267X SHARP-GP1U267X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1U10X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58Y SHARP-GP1U58Y Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com