Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5068A Datasheet(PDF) 1 Page - Rohm

Part # BP5068A
Description  Non-Isolated AC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5068A Datasheet(HTML) 1 Page - Rohm

  BP5068A Datasheet HTML 1Page - Rohm BP5068A Datasheet HTML 2Page - Rohm BP5068A Datasheet HTML 3Page - Rohm BP5068A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100VAC Input/
−15VDC (800mA) Output
Non-Isolated AC/DC Converter
BP5068-15
Data Sheet
Absolute Maximum Ratings
Input voltage
Output current
ESD endurance
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vi
Io
Vsurge
Topr
Tstg
−190
800
2
−20 to +80
−25 to +105
V
mApk
kV
Unit
∗2
∗2
∗1
Conditions
V
V
mA
V
V
Vp-p
%
DC
Vi=
−141V, Io=800mA
Vi=
−141V
Vi=
−120 to −162V, Io=800mA
Vi=
−141V, Io=0 to 800mA
Vi=
−141V, Io=800mA
Vi=
−141V, Io=800mA
1 Maximum output current varies depending on ambient temperature ; please refer to derating curve.
2 Please refer to Load regulation, Conversion efficiency.
Electrical Characteristics
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion efficiency
Parameter
Symbol
Typ.
Max.
Min.
Vi
Vo
Io
Vr
Vl
Vp
η
−141
−15.0
0.20
0.50
0.15
85
−162
−16.0
800
0.45
0.75
0.30
−120
−14.0
0
80
Load Regulation
Load Regulation
16.0
15.8
15.6
15.4
15.2
15.0
14.8
14.6
14.4
14.2
14.0
200
0
400
600
800
(Ta=25
°C, Vi=
141V)
Output Current Io(mA)
Conversion Efficiency
Conversion Efficiency
100
80
60
40
20
0
200
0
400
600
800
(Ta=25
°C, Vi=
141V)
Output Current Io(mA)
Surface Temperature Increase
Surface Temperature Increase
40
35
30
25
20
15
10
5
0
200
0
400
600
800
(Ta=25
°C, Vi=
141V)
Output Current Io(mA)
Application Circuit
External Component Specifications
FUSE: Fuse
Use a quick-acting fuse (2A)
Above 200V, 47 to 220
µF
Ripple current 0.22Arms above
C1: Input capacitor
Above 200V, 0.1 to 0.22
µF
Use a film or ceramic capacitor.
Evaluate under actual operating conditions.
C2: Noise reduction capacitor
Above 35V, 330 to 1000
µF, low impedance
ESR : 0.08
Ω Max.
Ripple current 1Arms or above
Capacitor impedance affects the output ripple voltage.
C3: Output capacitor
Inductance : 470
µH, Rating current : above1.6A
Select components that do not easily get magnetically saturated
at high temperature.
L1: Power inductor
Above 400V, current : above 3A
Fast recovery diode.
Please note that both the switching and efficiency characteristics
of the module are affected by this diode.
Recommended products : 31DF4 (Nihon Inter)
D1: Flywheel diode
1.0 to 2.2
Ω, 1/4W
Determine the ideal value through actual testing.
R1: Noise reduction resistor
Use a rectifying diode with a peak reverse voltage of 400V or higher,
an average rectification current of 1A or larger and a peak surge
current of 20A or larger. When using a large capacitance input capacitor,
select a component that is strong against inrush current during power up.
Full-wave rectification can be used.
D2: Rectifier diode
A varistor is required to protect against lightning surges and static
electricity.
ZNR: Varistor
Please verify operation and characteristics in the customer's circuit before actual usage.
Ensure that the load current does not exceed the maximum rating.
BP5068-15
Be sure to use fuse for safety.
Derating Curve
Derating Curve
Operation Range
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0 10
-30 -20 -10
20
40
30
80
70
60
50
90
Ambient Temperature Ta(
°C)
Please note that pin No.12
side is input.
−15V
Output
Input
470
µF/50V
AC100V
50Hz/60Hz
0.1
µF
C2
L1
470
µH
FUSE
2A
1
12
8
10
7
5
3
+
+
100
µF/200V
C1
ZNR
220V
R1
2.2
Ω1/4W
D2
D1
1SR35-400A
C3
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
Function
Output terminal Vo(
−15V)
Skip
Coil connect
Skip
Coil connect
Skip
COMMON
COMMON
Skip
N.C.
Skip
Input terminal Vi(
−141VDC)
Dimensions (Unit : mm)
34.5MAX.
2.54 11=27.94
1
3
5
7 8
10
12
0.5
±0.1
P=2.54
±0.2
1.3
±0.2
3.25MAX
11.3MAX.
7.35MAX.
3.95MAX.
0.25
±0.05
°C
°C
100VAC Input/
−12VDC (800mA) Output
Non-Isolated AC/DC Converter
BP5068A
Data Sheet
Absolute Maximum Ratings
Input voltage
Output current
ESD endurance
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vi
Io
Vsurge
Topr
Tstg
−190
850
2
−20 to +80
−25 to +105
V
mApk
kV
°C
°C
Unit
∗2
∗2
∗2
∗2
∗1
Conditions
V
V
mA
V
V
Vp-p
%
DC(80 to 120VAC)
Vi=
−141V, Io=800mA
Vi=
−141V
Vi=
−120 to −162V, Io=800mA
Vi=
−141V, Io=0 to 800mA
Vi=
−141V, Io=800mA
Vi=
−141V, Io=800mA
1 Maximum output current varies depending on ambient temperature ; please refer to derating curve.
2 Please refer to Load regulation, Conversion efficiency.
Electrical Characteristics
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion efficiency
Parameter
Symbol
Typ.
Max.
Min.
Vi
Vo
Io
Vr
Vl
Vp
η
−141
−12
0.20
0.50
0.15
78
−162
−13
800
0.45
0.75
0.30
−120
−11
0
65
Load Regulation
Load Regulation
13.0
12.5
12.0
11.5
11.0
200
100
0
400
300
600
500
800
700
(Ta=25
°C, Vi=
−141V)
Output Current Io(mA)
Conversion Efficiency
Conversion Efficiency
100
80
60
40
20
0
200
0
400
600
800
700
500
300
100
(Ta=25
°C, Vi=
−141V)
Output Current Io(mA)
Surface Temperature Increase
Surface Temperature Increase
40
35
30
25
20
15
10
5
0
0
200
400
600
800
100
300
500
700
(Ta=25
°C, Vi=
−141V)
Output Current Io(mA)
Switching Frequency
Switching Frequency
50
40
30
20
10
0
200
100
0
300 400 500 600
800
700
(Ta=25
°C, Vi=
−141V)
Output Current Io(mA)
Dimensions (Unit : mm)
Application Circuit
External Component Specifications
FUSE: Fuse
Use a quick-acting fuse of 2A
Above 200V, 47 to 220
µF
Ripple current 0.22Arms or greater
Above 200V, 0.1 to 0.22
µF
Use a film or ceramic capacitor. Evaluate under actual operating
conditions.
C1: Input capacitor
C2: Noise reduction
capacitor
Above 25V, 330 to 1000
µF, low impedance
ESR : 0.08
Ω Max.
Ripple current 1Arms or greater
Capacitor impedance affects effects the output ripple voltage
C3: Output capacitor
Above 400V, current : above 3A
Fast recovery diode
Please note that both the switching and efficiency characteristics of the
module are affected by this diode.
Recommended products : 31DF4 (Nihon Inter) or RU30 (Sanken)
D1: Flywheel diode
Inductance : 330
µH, Rating current : above 1.6A
Select components that do not easily get magnetically saturated
at high temperature.
L1: Power inductor
Use a rectifying diode with a peak reverse voltage of 400V or higher,
an average rectification current of 1A or larger and a peak surge current of
20A or larger. When using a large capacitance input capacitor, select a
component that is strong against inrush current during power up.
Full-wave rectification can be used.
D2: Rectifier diode
1 to 2.2
Ω, 1/4W
Reduce the noise terminal voltage.
Determine the ideal value through actual testing.
R1: Noise reduction
resistor
A varistor is required to protect against lightning surges and static
electricity.
ZNR: Varistor
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
Function
Output terminal Vo(
−12V)
Skip
Coil connect
Skip
Coil connect
Skip
COMMON
COMMON
Skip
NC
Skip
Input terminal Vi(
−141VDC)
Please verify operation and characteristics in the customer's circuit before actual usage.
Ensure that the load current does not exceed the maximum rating.
BP5068A
Be sure to use fuse for safety.
34.5MAX.
2.54
�11=27.94
1
3
5
7 8
10
12
0.5
±0.1
1.3
±0.2
P=2.54
±0.2
3.25MAX
Derating Curve
Derating Curve
Operation Range
900
800
700
600
500
400
300
200
100
0
0 10
-30 -20 -10
20
40
30
80
70
60
50
90
Ambient Temperature Ta(
°C)
Please note that pin No.12
side is input.
−12V
Output
Input
470
µF/50V
AC100V
50Hz/60Hz
0.1
µF
C2
D1
FUSE
2A
1
12
8 7
10
5
3
+
+
100
µF/200V
C1
ZNR
220V
R1
L1 330
µH
2.2
Ω1/4W
D2
1SR35-400A
C3
11.3MAX.
7.35MAX.
3.95MAX.
0.25
±0.05
1/
1
20
10.01 - Rev.A
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BP5068A

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5068A ROHM-BP5068A Datasheet
38Kb / 3P
   AC100V input, −12V/800mA output
BP5068A24 ROHM-BP5068A24 Datasheet
38Kb / 3P
   AC100V input, -24V/600mA output
BP5068A24 ROHM-BP5068A24 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
BP5068A24 ROHM-BP5068A24_10 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
More results

Similar Description - BP5068A

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D24 ROHM-BP5034D24_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5038A1 ROHM-BP5038A1_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5045A5 ROHM-BP5045A5_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5048-15 ROHM-BP5048-15_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5075-5 ROHM-BP5075-5_10 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
BP5075-12 ROHM-BP5075-12 Datasheet
541Kb / 3P
   Non-isolated AC / DC Converter
BP5037B15 ROHM-BP5037B15_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5062A5 ROHM-BP5062A5_10 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
BP5055-12 ROHM-BP5055-12 Datasheet
481Kb / 3P
   Non-isolated AC/DC converter
BP5048-24 ROHM-BP5048-24_10 Datasheet
1,021Kb / 4P
   Non-Isolated AC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com