Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1U582Y Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1U582Y
Description  IR Detecting Unit For Remote Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1U582Y Datasheet(HTML) 1 Page - Sharp Corporation

  GP1U582Y Datasheet HTML 1Page - Sharp Corporation GP1U582Y Datasheet HTML 2Page - Sharp Corporation GP1U582Y Datasheet HTML 3Page - Sharp Corporation GP1U582Y Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1U58Y Series
GP1U58Y Series
s Outline Dimensions
(Unit : mm )
s Features
s Applications
s Absolute Maximum Ratings
(Ta = 25˚C )
s Recommended Operating Conditions
*1 No dew formation
*2 For 5 seconds
1. Less sensitive to a fluorescent lamp driven
by inverter
2
7.5
g 1
15
Rib
g 2
14.2
1.4
2.54
1.7
2.54
12 3
12 3
3 GND
1 Vout
2 Vcc
g 1 Detector center
g 2 The dimension of connector base
3. Built-in voltage regulator circuit
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
Remote Control
Parameter
Symbol
Value
Unit
Supply voltage
V CC
4.7 to 5.3
V
Parameter
Symbol
Rating
Unit
Supply voltage
V CC
0 to 6.3
V
*1
Operating temperature
T opr
- 10 to + 70
˚C
Storage temperature
T stg
- 20 to + 70
˚C
*2
Soldering temperature
T sol
260
˚C
IR Detecting Unit For
2. Various B.P.F. ( Band Pass Filter ) frequency
* Tolerance :± 0.3mm
from the soldering face.
Recommended drilling as viewed
5.5± 0.5
15.4
+ 0.5
- 0.3
1. TVs
2. VCRs
3. Audio equipment
4. Air conditioners
5. CATV set top boxes
6. BS receivers
7. Multi-media equipments


Similar Part No. - GP1U582Y

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
More results

Similar Description - GP1U582Y

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1UC10 SHARP-GP1UC10 Datasheet
40Kb / 3P
   3V-Operating Type IR Detecting Unit for Remote Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com