Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1U582Y Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1U582Y
Description  IR Detecting Unit For Remote Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1U582Y Datasheet(HTML) 2 Page - Sharp Corporation

  GP1U582Y Datasheet HTML 1Page - Sharp Corporation GP1U582Y Datasheet HTML 2Page - Sharp Corporation GP1U582Y Datasheet HTML 3Page - Sharp Corporation GP1U582Y Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1U58Y Series
s Electrical Characteristics
s Model Line-up
( Ta = 25˚C, VCC = + 5V)
Model No.
B.P.F. frequency
Unit
40
kHz
36
38
36.7
32.75
56.8
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Dissipation current
ICC
-
-
5.0
mA
High level output voltage
V OH
V CC - 0.5
--
V
Low level output voltage
V OL
-
-
0.45
V
High level pulse width
T 1
400
-
800
µs
Low level pulse width
T 2
400
-
800
B.P.F. center frequency
fO
-
-
kHz
*3 The burst wave as shown in the following figure shall be transmitted by the transmitter shown in Fig. 1.
GP1U58Y
GP1U580Y
GP1U581Y
GP1U582Y
GP1U583Y
GP1U587Y
s Internal Block Diagram
The value of fO is shown in a separate table.
Duty 50%
600
µ s
600
µ s
Conditions
No input light
*3
-
*440
*4 Diversified models with a different B.P.F frequency, as shown in a separate table, are also available.
Vout
Vcc
GND
B.P.F.
Limiter
Amp
Comparator
Integrator
Demodulator


Similar Part No. - GP1U582Y

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
More results

Similar Description - GP1U582Y

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1UC10 SHARP-GP1UC10 Datasheet
40Kb / 3P
   3V-Operating Type IR Detecting Unit for Remote Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com