Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-201G1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3VM-201G1
Description  MOS FET Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-201G1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3VM-201G1 Datasheet HTML 1Page - Omron Electronics LLC G3VM-201G1 Datasheet HTML 2Page - Omron Electronics LLC G3VM-201G1 Datasheet HTML 3Page - Omron Electronics LLC G3VM-201G1 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MOS FET Relays
G3VM-201G1
167
■ Engineering Data
LED forward current vs.
Ambient temperature
IF - Ta
Continuous load current vs.
Ambient temperature
IO - Ta
LED forward current vs.
LED forward voltage
IF - VF
0
10
20
30
40
50
60
-40
-20
0
2040
6080
100
0
50
100
150
200
250
-40
-20
0
20
40
60
80
100
0.1
1
10
100
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Ta= 25
Ambient temperature Ta (
)
Ambient temperature Ta
LED forward voltage VF (V)
Continuous load current vs.
On-state voltage
IO - VON
On-state resistance vs.
Ambient temperature
RON - Ta
Trigger LED forward current vs.
Ambient temperature
IFT - Ta
-250
-200
-150
-100
-50
0
50
100
150
200
250
-1.0
-0.5
0.0
0.5
1.0
0
0
1
2
3
4
5
6
7
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-40
-20
0
20
40
60
80
100
0
On-state voltage VON (V)
Ambient temperature Ta (
)
Ambient temperature Ta (
)
Turn ON, Turn OFF time vs.
LED forward current
tON, tOFF - IF
Turn ON, Turn OFF time vs.
Ambient temperature
tON, tOFF - Ta
Current leakage vs.
Ambient temperature
I LEAK - Ta
0.01
0.1
1
10
0.1
1
10
100
0.1
1
10
-40
-20
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
-40
-20
0
20
40
60
80
100
LED forward current IF (mA)
Ambient temperature Ta (
Ambient temperature Ta (
)
tON
tOFF
tON
tOFF
Ta = 25
IF = 2mA
IO = 200mA
IF = 2mA
t < 1s
IO = 200mA
t < 1s
VDD = 20V
RL = 200
Ω
Ta = 25
VDD = 20V
RL = 200
Ω
IF = 2mA
V
OFF= 200V


Similar Part No. - G3VM-201G1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-201G1 OMRON-G3VM-201G1 Datasheet
332Kb / 6P
   MOS FET Relays
G3VM-201G1 OMRON-G3VM-201G1 Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-201G1TR OMRON-G3VM-201G1TR Datasheet
332Kb / 6P
   MOS FET Relays
More results

Similar Description - G3VM-201G1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-41HR OMRON-G3VM-41HR Datasheet
89Kb / 2P
   MOS FET Relays
G3VM-81LR_1012 OMRON-G3VM-81LR_1012 Datasheet
258Kb / 4P
   MOS FET Relays
G3VM-401G OMRON-G3VM-401G_10 Datasheet
288Kb / 4P
   MOS FET Relays
G3VM-41BR OMRON-G3VM-41BR Datasheet
658Kb / 4P
   MOS FET Relays
G3VM-61B1 OMRON-G3VM-61B1_1 Datasheet
464Kb / 6P
   MOS FET Relays
G3VM-62J1 OMRON-G3VM-62J1 Datasheet
349Kb / 6P
   MOS FET Relays
G3VM-201G OMRON-G3VM-201G Datasheet
364Kb / 6P
   MOS FET Relays
G3VM-601G OMRON-G3VM-601G Datasheet
332Kb / 6P
   MOS FET Relays
G3VM-353B OMRON-G3VM-353B Datasheet
632Kb / 6P
   MOS FET Relays
G3VM-21GR1 OMRON-G3VM-21GR1_1 Datasheet
362Kb / 6P
   MOS FET Relays
G3VM-41GR3 OMRON-G3VM-41GR3 Datasheet
367Kb / 6P
   MOS FET Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com