Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM05-1A69-08 Datasheet(PDF) 1 Page - Meder Electronic

Part # HM05-1A69-08
Description  HM Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

HM05-1A69-08 Datasheet(HTML) 1 Page - Meder Electronic

  HM05-1A69-08 Datasheet HTML 1Page - Meder Electronic HM05-1A69-08 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HM05-1A69-08
Item:
| Email: salesasia@meder.com
8405169008
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Coil voltage
Rated power
Pull-In voltage
Drop-Out voltage
Contact data 69
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Carry current
!"#$%&!"!&
Start Value
Contact resistance static
'
RH <45 %, 100 V test voltage
Insulation resistance
(
according to IEC 255-5
Breakdown voltage
measured with 40% overdrive
Operate time incl. bounce
measured with no coil excitation
Release time
)*
@ 10 kHz across open switch
Capacitance
Special Product Data
Conditions
Min
Typ
Max
Unit
1
Number of contacts
A - NO
Contact - form
(
according to IEC 255-5
Dielectric Strength Coil/Contact
'
RH <45%, 200 VDC test voltage
Insulation resistance Coil/Contact
gray
Case colour
Polycarbonat
Housing material
Polyurethan
Sealing compound
Copper alloy tin plated
Connection pins
yes
Reach / RoHS conformity
Modifications in the sense of technical progress are reserved
19.09.08
WKOVACS
KSCHIELENSKI
05
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
11.09.09
CRUF
Approval by:
Approval by:
18.03.11
Approval at:
Approval at:


Similar Part No. - HM05-1A69-08

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HM05-1A69-08 MEDER-HM05-1A69-08 Datasheet
100Kb / 2P
   HM Reed Relays
HM05-1A69-08_DE MEDER-HM05-1A69-08_DE Datasheet
101Kb / 2P
   (deutsch) HM Reed Relay
More results

Similar Description - HM05-1A69-08

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HM05-1A83-03 MEDER-HM05-1A83-03 Datasheet
92Kb / 2P
   HM Reed Relay
HM05-1A83-06-UL MEDER-HM05-1A83-06-UL Datasheet
84Kb / 2P
   HM Reed Relay
HM12-1A69-15-5 MEDER-HM12-1A69-15-5 Datasheet
96Kb / 2P
   HM Reed Relay
HM12-1A83-03 MEDER-HM12-1A83-03 Datasheet
132Kb / 1P
   HM Reed Relay
HM12-1A83-150 MEDER-HM12-1A83-150 Datasheet
144Kb / 2P
   HM Reed Relay
HM12-1A83-300 MEDER-HM12-1A83-300 Datasheet
97Kb / 2P
   HM Reed Relay
HM12-1B83-20-6 MEDER-HM12-1B83-20-6 Datasheet
88Kb / 2P
   HM Reed Relay
HM24-1A83-300 MEDER-HM24-1A83-300 Datasheet
83Kb / 2P
   HM Reed Relay
HM05-1A83-06 MEDER-HM05-1A83-06 Datasheet
91Kb / 2P
   HM Reed Relay
HM05-1A83-08 MEDER-HM05-1A83-08 Datasheet
83Kb / 2P
   HM Reed Relay
HM12-1A69-150-UL MEDER-HM12-1A69-150-UL Datasheet
98Kb / 2P
   HM Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com