Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24C21 Datasheet(PDF) 3 Page - Rohm

Part # BR24C21
Description  EDID Memory (For display)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24C21 Datasheet(HTML) 3 Page - Rohm

  BR24C21_11 Datasheet HTML 1Page - Rohm BR24C21_11 Datasheet HTML 2Page - Rohm BR24C21_11 Datasheet HTML 3Page - Rohm BR24C21_11 Datasheet HTML 4Page - Rohm BR24C21_11 Datasheet HTML 5Page - Rohm BR24C21_11 Datasheet HTML 6Page - Rohm BR24C21_11 Datasheet HTML 7Page - Rohm BR24C21_11 Datasheet HTML 8Page - Rohm BR24C21_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Technical Note
BR24C21,BR24C21F,BR24C21FJ,BR24C21FV,
BU9882-W,BU9882F-W,BU9882FV-W
3/22
www.rohm.com
2011.08 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Block diagram
Pin layout diagram
Fig.2 Pin Layout
Pin Name
I/O
Functions
VCC
-
Power Supply
GND
-
Ground (0V)
N.C.
-
No Connection
SCL
IN
Serial Clock Input for Bi-directional Mode
SDA
IN/OUT
Slave and Word Address,
Serial Data Input, Serial Data Output
*1
VCLK
IN
Clock Input (Transmit-Only Mode)
Write Enable (Bi-directional Mode)
*1 An open drain output requires a pull-up resistor.
8
7
6
5
4
3
2
1
SDA
SCL
VCLK
VCC
GND
N.C.
1 Kbit EEPROM ARRAY
ADDRESS
DECODER
SLAVE・WORD
ADDRESS REGISTER
DATA
REGISTER
CONTROL LOGIC
HIGH VOLTAGE
VCC LEVEL DETECT
7bit
7bit
8bit
ACK
START
STOP
N.C.
N.C.
Fig.1 Block Diagram
VCC
VCLK
(入力)
SCL
SDA
入出
BR24C21
BR24C21F
BR24C21FJ
BR24C21FV
GND
N.C.
N.C.
N.C.


Similar Part No. - BR24C21_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21-E2 ROHM-BR24C21-E2 Datasheet
1,012Kb / 22P
   Standard EEPROMs Plug & Play EEPROMs
BR24C21F ROHM-BR24C21F Datasheet
671Kb / 12P
   ID ROM for CRT display
BR24C21F ROHM-BR24C21F Datasheet
709Kb / 23P
   EDID Memory (For display)
BR24C21F-E2 ROHM-BR24C21F-E2 Datasheet
709Kb / 23P
   EDID Memory (For display)
BR24C21F-E2 ROHM-BR24C21F-E2 Datasheet
603Kb / 21P
   Standard EEPROMs Plug & Play EEPROMs
More results

Similar Description - BR24C21_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21 ROHM-BR24C21_09 Datasheet
709Kb / 23P
   EDID Memory (For display)
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
logo
Microchip Technology
24LC22A MICROCHIP-24LC22A Datasheet
312Kb / 24P
   2K VESA E - EDID SERIAL EEPROM
2001
24LCS22A MICROCHIP-24LCS22A Datasheet
302Kb / 24P
   2K VESA짰 E-EDID??Serial EEPROM
2003
24LCS22A MICROCHIP-24LCS22A_09 Datasheet
368Kb / 26P
   2K VESA짰 E-EDID??Serial EEPROM
2009
24LC22A-ISN MICROCHIP-24LC22A-ISN Datasheet
575Kb / 24P
   2K VESA짰 E-EDID??Serial EEPROM
10/05/07
24LC22A-I MICROCHIP-24LC22A-I Datasheet
575Kb / 24P
   2K VESA E-EDID Serial EEPROM
10/05/07
logo
Rohm
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com