Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24C21FJ Datasheet(PDF) 10 Page - Rohm

Part # BR24C21FJ
Description  EDID Memory (For display)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24C21FJ Datasheet(HTML) 10 Page - Rohm

Back Button BR24C21FJ Datasheet HTML 6Page - Rohm BR24C21FJ Datasheet HTML 7Page - Rohm BR24C21FJ Datasheet HTML 8Page - Rohm BR24C21FJ Datasheet HTML 9Page - Rohm BR24C21FJ Datasheet HTML 10Page - Rohm BR24C21FJ Datasheet HTML 11Page - Rohm BR24C21FJ Datasheet HTML 12Page - Rohm BR24C21FJ Datasheet HTML 13Page - Rohm BR24C21FJ Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Technical Note
BR24C21,BR24C21F,BR24C21FJ,BR24C21FV,
BU9882-W,BU9882F-W,BU9882FV-W
10/22
www.rohm.com
2011.08 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Fig.15 Block Diagram
Fig.16 Pin Layout
Block diagram
Pin layout diagram
Pin description
Pin Name
I/O
Functions
VCC
-
Power Supply
GND
-
Ground (0V)
N.C.
-
No Connection
SCL_PC0
IN
Serial Clock Input, Access to BANK0 at DUAL PORT mode
Access to BANK0 or to BANK1 at SINGLE PORT mode
SDA_PC0
IN/OUT
Slave and Word Address Serial Data Input, Serial Data Output
Access to BANK0 at DUAL PORT mode, Access to BANK0 or to BANK1 at SINGLE PORT mode
SCL_PC1
IN
Serial Clock Input
Access to BANK1 at DUAL PORT mode, Don't Care at SINGLE PORT mode
SDA_PC1
IN/OUT
Slave and Word Address Serial Data Input, Serial Data Output
Access to BANK1 at DUAL PORT mode, Don't Care at SINGLE PORT mode
SCL_MON
OUT
Serial Clock Output
Connected to SCL_PC0/1 at DDCENA="High", "Hi-Z" output at DDCENA="Low"
SDA_MON
OUT
Slave and Word Address Serial Data Output
Connected to SCL_PC0/1 DDCENA="High", "Hi-Z" output at DDCENA="Low"
DDCENA
IN
Control of SCL_MON, SDA_MON
BANKSEL
IN
Select a SCL/SDA_MON Connected Port at DUAL PORT mode
Selected a BANK at SINGLE PORT mode
DUALPCB
IN
Control of DUAL PORT/SINGLE PORT mode
wp
―――
IN
Write Protect Control
An open drain output requires a pull-up resistor.
BU9882-W
BU9882F-W
BU9882FV-W
SCL_PC0 SDA_PC0
N.C.
SCL_PC1 SDA_PC1
N.C.
GND
VCC
WP
DUALPCB BANKSEL DDCENA SCL_MON SDA_MON
1Kbit


Similar Part No. - BR24C21FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21FJ ROHM-BR24C21FJ Datasheet
671Kb / 12P
   ID ROM for CRT display
BR24C21FJ ROHM-BR24C21FJ Datasheet
709Kb / 23P
   EDID Memory (For display)
BR24C21FJ-E2 ROHM-BR24C21FJ-E2 Datasheet
603Kb / 21P
   Standard EEPROMs Plug & Play EEPROMs
BR24C21FJ-E2 ROHM-BR24C21FJ-E2 Datasheet
1,012Kb / 22P
   Standard EEPROMs Plug & Play EEPROMs
More results

Similar Description - BR24C21FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21 ROHM-BR24C21_09 Datasheet
709Kb / 23P
   EDID Memory (For display)
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
logo
Microchip Technology
24LC22A MICROCHIP-24LC22A Datasheet
312Kb / 24P
   2K VESA E - EDID SERIAL EEPROM
2001
24LCS22A MICROCHIP-24LCS22A Datasheet
302Kb / 24P
   2K VESA짰 E-EDID??Serial EEPROM
2003
24LCS22A MICROCHIP-24LCS22A_09 Datasheet
368Kb / 26P
   2K VESA짰 E-EDID??Serial EEPROM
2009
24LC22A-ISN MICROCHIP-24LC22A-ISN Datasheet
575Kb / 24P
   2K VESA짰 E-EDID??Serial EEPROM
10/05/07
24LC22A-I MICROCHIP-24LC22A-I Datasheet
575Kb / 24P
   2K VESA E-EDID Serial EEPROM
10/05/07
logo
Rohm
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com