Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9882-W Datasheet(PDF) 1 Page - Rohm

Part # BU9882-W
Description  EDID Memory (For display)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9882-W Datasheet(HTML) 1 Page - Rohm

  BU9882-W Datasheet HTML 1Page - Rohm BU9882-W Datasheet HTML 2Page - Rohm BU9882-W Datasheet HTML 3Page - Rohm BU9882-W Datasheet HTML 4Page - Rohm BU9882-W Datasheet HTML 5Page - Rohm BU9882-W Datasheet HTML 6Page - Rohm BU9882-W Datasheet HTML 7Page - Rohm BU9882-W Datasheet HTML 8Page - Rohm BU9882-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/22
www.rohm.com
2011.08 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Memory for Plug & Play
EDID Memory
(For display)
BR24C21,BR24C21F,BR24C21FJ,BR24C21FV,
BU9882-W,BU9882F-W,BU9882FV-W
BR24C21,BR24C21F,BR24C21FJ,BR24C21FV
Description
BR24C21F,BR24C21FJ,BR24C21FV are serial EEPROMs that support DDC1
TM/DDC2TM interfaces
for Plug and Play displays.
Features
1) Compatible with both DDC1
TM/DDC2TM
2) Operating voltage range: 2.5V to 5.5V
3) Page write function: 8bytes
4) Low power consumption
Active (at 5V)
: 1.5mA (typ)
Stand-by (at 5V) : 0.1µA (typ)
5) Address auto increment function during Read operation
6) Data security
Write enable feature (VCLK)
Write protection at low Vcc
7) Various packages available: DIP-T8(BR24C21) / SOP8(BR24C21F) / SOP-J8(BR24C21FJ) / SSOP-B8(BR24C21FV)
8) Initial data=FFh
9) Data retention: 10years
10) Rewriting possible up to 100,000 times
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
-0.3~+6.5
V
Power Dissipation
Pd
800 (DIP-T8)
*1
mW
450 (SOP8)
*2
450 (SOP-J8)
*3
350 (SSOP-B8)
*4
Storage Temperature
Tstg
-65~+125
Operating Temperature
Topr
-40~+85
Terminal Voltage
-
-0.3~VCC+0.3
V
* Reduce by 8.0 mW/
C over 25C (*1), 4.5mW/℃ (*2,3), and 3.5mW/℃ (*4)
Memory cell characteristics
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
2.5~5.5
V
Input Voltage
VIN
0~VCC
V
Recommended operating conditions
Parameter
Limits
Unit
Min.
Typ.
Max.
Write/Erase Cycle
100,000
-
-
Cycle
Data Retention
10
-
-
Year
No.11002ECT02


Similar Part No. - BU9882-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9882-W ROHM-BU9882-W Datasheet
205Kb / 6P
   DDC2 DISPLAY ID ROM
BU9882-W ROHM-BU9882-W Datasheet
709Kb / 23P
   EDID Memory (For display)
More results

Similar Description - BU9882-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21 ROHM-BR24C21_09 Datasheet
709Kb / 23P
   EDID Memory (For display)
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
logo
Microchip Technology
24LC22A MICROCHIP-24LC22A Datasheet
312Kb / 24P
   2K VESA E - EDID SERIAL EEPROM
2001
24LCS22A MICROCHIP-24LCS22A Datasheet
302Kb / 24P
   2K VESA짰 E-EDID??Serial EEPROM
2003
24LCS22A MICROCHIP-24LCS22A_09 Datasheet
368Kb / 26P
   2K VESA짰 E-EDID??Serial EEPROM
2009
24LC22A-ISN MICROCHIP-24LC22A-ISN Datasheet
575Kb / 24P
   2K VESA짰 E-EDID??Serial EEPROM
10/05/07
24LC22A-I MICROCHIP-24LC22A-I Datasheet
575Kb / 24P
   2K VESA E-EDID Serial EEPROM
10/05/07
logo
Rohm
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com