Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-353D1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G3VM-353D1
Description  MOS FET Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-353D1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  G3VM-353D1 Datasheet HTML 1Page - Omron Electronics LLC G3VM-353D1 Datasheet HTML 2Page - Omron Electronics LLC G3VM-353D1 Datasheet HTML 3Page - Omron Electronics LLC G3VM-353D1 Datasheet HTML 4Page - Omron Electronics LLC G3VM-353D1 Datasheet HTML 5Page - Omron Electronics LLC G3VM-353D1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
38
MOS FET Relays
G3VM-353A/A1/D/D1
■ Engineering Data
G3VM-353A1/D1
LED forward current vs.
Ambient temperature
IF - Ta
Continuous load current vs.
Ambient temperature
IO - Ta
LED forward current vs.
LED forward voltage
IF - VF
Ambient temperature Ta (
)
Ambient temperature Ta
LED forward voltage VF (V)
Continuous load current vs.
On-state voltage
IO - VON
On-state resistance vs.
Ambient temperature
RON - Ta
Trigger LED forward current vs.
Ambient temperature
IFC - Ta
On-state voltage VON (V)
Ambient temperature Ta (
)
Ambient temperature Ta (
)
Turn ON, Turn OFF time vs.
LED forward current
tON, tOFF - IF
Turn ON, Turn OFF time vs.
Ambient temperature
tON, tOFF - Ta
Current leakage vs.
Ambient temperature
I LEAK - Ta
LED forward current IF (mA)
Ambient temperature Ta (
Ambient temperature Ta (
)
0
−20
60
20
40
80
100
120
100
80
60
40
20
0
0
−20
160
120
100
80
60
40
20
0
120
80
40
Ta
= 25°C
0.6
0.8
1
1.2
1.6
1.8
1.4
100
30
10
3
1
0.3
0.1
Ta
= 25°C
−4
−1
0
4
1
150
−150
−50
0
100
50
−100
−2
−3
2
3
IO = 100 mA
t
< 1 s
40
0
20
30
50
10
IOFF=10 μ A
0
−40
5
100
80
60
40
20
0
−20
4
3
2
1
1
100
Ta
= 25°C
VDD = 20 V, RL = 200 Ω
tON
tOFF
30
50
10
3
5
300
10
3000
300
100
30
1000
10
−40
3000
100
80
60
40
20
0
−20
300
100
30
1000
tON
tOFF
VDD = 20 V, RL = 200 Ω
IF = 5 mA
1
0
20
40
60
80
100
10
100
1000
3
30
300
VOFF = 350 V
IF = 5 mA


Similar Part No. - G3VM-353D1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-353D1 OMRON-G3VM-353D1 Datasheet
563Kb / 6P
   MOS FET Relays
G3VM-353D1 OMRON-G3VM-353D1 Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-353D1 OMRON-G3VM-353D1 Datasheet
515Kb / 6P
   Analog-switching MOS FET Relays with SPST-NC Contact. General-purpose Models Added.
G3VM-353D1TR OMRON-G3VM-353D1TR Datasheet
563Kb / 6P
   MOS FET Relays
More results

Similar Description - G3VM-353D1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-41HR OMRON-G3VM-41HR Datasheet
89Kb / 2P
   MOS FET Relays
G3VM-81LR_1012 OMRON-G3VM-81LR_1012 Datasheet
258Kb / 4P
   MOS FET Relays
G3VM-401G OMRON-G3VM-401G_10 Datasheet
288Kb / 4P
   MOS FET Relays
G3VM-41BR OMRON-G3VM-41BR Datasheet
658Kb / 4P
   MOS FET Relays
G3VM-61B1 OMRON-G3VM-61B1_1 Datasheet
464Kb / 6P
   MOS FET Relays
G3VM-62J1 OMRON-G3VM-62J1 Datasheet
349Kb / 6P
   MOS FET Relays
G3VM-201G OMRON-G3VM-201G Datasheet
364Kb / 6P
   MOS FET Relays
G3VM-601G OMRON-G3VM-601G Datasheet
332Kb / 6P
   MOS FET Relays
G3VM-353B OMRON-G3VM-353B Datasheet
632Kb / 6P
   MOS FET Relays
G3VM-21GR1 OMRON-G3VM-21GR1_1 Datasheet
362Kb / 6P
   MOS FET Relays
G3VM-41GR3 OMRON-G3VM-41GR3 Datasheet
367Kb / 6P
   MOS FET Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com