Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24T02-W Datasheet(PDF) 11 Page - Rohm

Part # BR24T02-W
Description  High Reliability Serial EEPROMs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T02-W Datasheet(HTML) 11 Page - Rohm

Back Button BR24T02-W Datasheet HTML 7Page - Rohm BR24T02-W Datasheet HTML 8Page - Rohm BR24T02-W Datasheet HTML 9Page - Rohm BR24T02-W Datasheet HTML 10Page - Rohm BR24T02-W Datasheet HTML 11Page - Rohm BR24T02-W Datasheet HTML 12Page - Rohm BR24T02-W Datasheet HTML 13Page - Rohm BR24T02-W Datasheet HTML 14Page - Rohm BR24T02-W Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Technical Note
11/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Read Command
Read cycle
Data of EEPROM is read. In read cycle, there are random read cycle and current read cycle. Random read cycle is a
command to read data by designating address, and is used generally. Current read cycle is a command to read data of
internal address register without designating address, and is used when to verify just after write cycle. In both the read
cycles, sequential read cycle is available, and the next address data can be read in succession.
In random read cycle, data of designated word address can be read.
When the command just before current read cycle is random read cycle, current read cycle (each including sequential
read cycle), data of incremented last read address (n)-th address, i.e., data of the (n+1)-th address is output.
When ACK signal 'LOW' after D0 is detected, and stop condition is not sent from master (µ-COM) side, the next
address data can be read in succession.
Read cycle is ended by stop condition where 'H' is input to ACK signal after D0 and SDA signal is started at SCL
signal 'H' .
When 'H' is not input to ACK signal after D0, sequential read gets in, and the next data is output.
Therefore, read command cycle cannot be ended. When to end read command cycle, be sure input stop condition to
input 'H' to ACK signal after D0, and to start SDA at SCL signal 'H'.
Sequential read is ended by stop condition where 'H' is input to ACK signal after arbitrary D0 and SDA is started at SCL
signal 'H'.
Fig.43 Random read cycle (BR24T01/02/04/08/16-W)
Fig.44 Random read cycle (BR24T32/64/128/256/512/1M-W)
*1 As for WA12, BR24T32-W become Don’t care.
As for WA13, BR24T32/64-W become Don’t care.
As for WA14, BR24T32/64/128-W become Don’t care.
As for WA15, BR24T32/64/128/256-W become Don’t care.
Fig.45 Current read cycle
Fig.46 Sequential read cycle (in the case of current read cycle)
*1 In BR24T16-W, A2 becomes P2.
*2 In BR24T08/16-W, A1 becomes P1.
*3 In BR24T08/16/1M-W, A0 becomes P0.
Note)
*1
As for WA7,BR24T01-W become Don’t care.
Fig.47 Difference of slave address of each type
A2
A0
A1
A1
A2
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
1st WORD
ADDRESS
()
SDA
LINE
A
C
K
A
C
K
DATA(n)
A
C
K
SLAVE
ADDRESS
1 0
0
1
A0
D7
D0
2nd WORD
ADDRESS(n)
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
1 0
0
1
R
/
W
R
E
A
D
WA
0
Note)
*1
WA
15
WA
14
WA
13
WA
12
WA
11
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
WORD
ADDRESS(n)
SDA
LINE
A
C
K
A
C
K
DATA(n)
A
C
K
SLAVE
ADDRESS
10
0
1
A0
A1
A2
WA
7
A0
D0
SLAVE
ADDRESS
10
0
1A1
A2
S
T
A
R
T
D7
R
/
W
R
E
A
D
WA
0
Note)
*1
S
T
A
R
T
S
T
O
P
SDA
LINE
A
C
K
DATA(n)
A
C
K
SLAVE
ADDRESS
10
0
1
A0
A1
A2
D0
D7
R
/
W
R
E
A
D
Note)
R
E
A
D
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
DATA(n)
SDA
LINE
A
C
K
A
C
K
DATA(n+x)
A
C
K
SLAVE
ADDRESS
10
0
1
A0
A1
A2
D0
D7
D0
D7
Note)
*1 As for WA12, BR24T32-W becomes Don't care.
As for WA13, BR24T32/64-W becomes Don't care.
As for WA14, BR24T32/64/128-W becomes Don't care.
As for WA15, BR24T32/64/128/256-W becomes Don't care.
*2 As for BR24T128/256-W becomes (n+63)
As for BR24T512-W becomes (n+127)
As for BR24T1M-W becomes (n+255)
*1 As for WA7, BR24T01-W becomes Don't care.
*2 As for BR24T01/02-W becomes (n+7)
1
0
0
1A0
A1
A2
*1 *2 *3


Similar Part No. - BR24T02-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T02-W ROHM-BR24T02-W Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T02-W ROHM-BR24T02-W Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T02-W ROHM-BR24T02-W Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02-W ROHM-BR24T02-W Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02-W ROHM-BR24T02-W Datasheet
430Kb / 22P
   Other devices than EEPROM can be connected to the same port, saving microcontroller port
More results

Similar Description - BR24T02-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com