Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6L-1P Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6L-1P
Description  Low Signal Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6L-1P Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6L-1P Datasheet HTML 1Page - Omron Electronics LLC G6L-1P Datasheet HTML 2Page - Omron Electronics LLC G6L-1P Datasheet HTML 3Page - Omron Electronics LLC G6L-1P Datasheet HTML 4Page - Omron Electronics LLC G6L-1P Datasheet HTML 5Page - Omron Electronics LLC G6L-1P Datasheet HTML 6Page - Omron Electronics LLC G6L-1P Datasheet HTML 7Page - Omron Electronics LLC G6L-1P Datasheet HTML 8Page - Omron Electronics LLC G6L-1P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Low Signal Relay
G6L
37
Low Signal Relay
G6L
Extremely Thin SPST-NO Flat Relay, One
of the Thinnest Relays in the World
• Uses 20% less mounting area and 67% less volume in
comparison with the G5V-1 relay.
• Measures just 7.0 (W) x 10.6 (L) x 4.5 (H) mm for surface-
mount or 4.1 (H) for through-hole.
• High dielectric strength: 1,000 VAC between coil and con-
tacts and 750 VAC between contacts of the same polarity.
• Conforms to FCC Part 68.
• UL recognized / CSA certified
• RoHS Compliant - Use of lead completely eliminated.
Ordering Information
.
Model Number Legend:
■ Application Examples
• Peripherals of MODEM/PC
• Telephones
• Office automation machines
• Audio-visual products
• Communications equipment
• Measurement devices
• Amusement equipment
• Security equipment
Contact form
Construction
Mounting type
Model
SPST-NO
Fully sealed
Through-hole terminal
G6L-1P
Surface-mount terminal
G6L-1F
Rated coil voltage
Note: 1. When ordering, add the rated coil voltage to the model number.
Example: G6L-1P DC12
2. When ordering tape packing (surface mount versions), add "-TR" to the model number.
Example: G6L-1F-TR DC12
Be sure since "-TR" is not part of the relay model number, it is not marked on the relay case.
Tape packing
1. Relay Function
None: Non-latching
2. Contact Form
1: SPST-NO
3. Terminal Shape
P:
Through-hole
F:
Surface mount
4. Packaging
None: Tube packaging
TR:
Tape and reel packaging
5. Rated Coil Voltage
3, 4.5, 5, 12, 24
G6L
- 1
-
DC
4
1
3
2
5


Similar Part No. - G6L-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6L-1P OMRON-G6L-1P Datasheet
406Kb / 10P
   Low Signal Relay
More results

Similar Description - G6L-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com