Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6S-2G-Y Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6S-2G-Y
Description  Low Signal Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6S-2G-Y Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6S-2G-Y Datasheet HTML 1Page - Omron Electronics LLC G6S-2G-Y Datasheet HTML 2Page - Omron Electronics LLC G6S-2G-Y Datasheet HTML 3Page - Omron Electronics LLC G6S-2G-Y Datasheet HTML 4Page - Omron Electronics LLC G6S-2G-Y Datasheet HTML 5Page - Omron Electronics LLC G6S-2G-Y Datasheet HTML 6Page - Omron Electronics LLC G6S-2G-Y Datasheet HTML 7Page - Omron Electronics LLC G6S-2G-Y Datasheet HTML 8Page - Omron Electronics LLC G6S-2G-Y Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Signal Relay
G6S
95
Low Signal Relay
G6S
Suface Mount DPDT Relay
• High dielectric withstand voltage of 2,000 VAC between coil
and contacts (standard type); 1,500 VAC between contacts
of different polarity.
• Meets FCC Part 68 and Telcordia 2.5 kV surge withstand.
• European version certified for EN60950/EN41003 Supple-
mentary Insulation at 250 V at Pollution Degree 2.
• Low power consumption of 140 mW (Non-latching)
• Available in through-hole and SMT terminals.
• Tape and reel or tube packaging.
• RoHS Compliant.
Ordering Information
■ Standard Version
.
* Certified for EN60950/EN41003 Supplementary Insulation at 250 V (pollution degree 2)
Model Number Legend
Terminal
Model
Contact form
Non-latching
Single coil latching
Dual coil latching
Standard
European Version*
Gull-wing
DPDT
G6S-2F
G6S-2F-Y
G6SU-2F
G6SK-2F
Inside “L”
G6S-2G
G6S-2G-Y
G6SU-2G
G6SK-2G
PCB through-hole
G6S-2
G6S-2-Y
G6SU-2
G6SK-2
Rated coil voltage
Notes: 1. When ordering, add the rated coil voltage to the model number.
Example: G6S-2F DC12
2. When ordering tape packing (surface mount models), add "-TR" to the model number.
When ordering High-sensitivity dual coil latching models, add "-H” to the model number.
Example: G6S-2F-TR DC12
"-TR" is not part of the relay model number. Therefore, it is not marked on the relay case.
Tape packing
3. Dual coil latching models are available with a High-sensitivity coil. (140 mW; 200 mW for DC24)
Example: G6SK-2G-H-TR DC5
High-sensitivity coil
1. Relay Function
None: Non-latching
U:
Single coil latching
K:
Dual coil latching
2. Contact Form
2: DPDT
3. Terminal Shape
None: Through-hole
F:
Gull-wing surface mount
G:
Inside “L” surface mount
4. Approved Standards
None: UL/CSA
Y:
EN60950/EN41003
(Standard coil models - 5, 12, 24 VDC )
5. Packaging
None: Tube packaging
TR:
Tape and reel packaging
(Surface mount models)
6. Rated Coil Voltage
3, 4.5, 5, 12, 24 VDC
G6S
-
-
-
DC
4
5
1
3
2
6


Similar Part No. - G6S-2G-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6S-2G-Y OMRON-G6S-2G-Y Datasheet
153Kb / 9P
   Low Signal Relay
G6S-2G-Y OMRON-G6S-2G-Y Datasheet
781Kb / 12P
   Low Signal Relay
G6S-2G-Y OMRON-G6S-2G-Y Datasheet
765Kb / 12P
   Low Signal Relay
G6S-2G-Y OMRON-G6S-2G-Y Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
G6S-2G-Y OMRON-G6S-2G-Y Datasheet
749Kb / 12P
   Low Signal Relay
More results

Similar Description - G6S-2G-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com